Electronic Components Datasheet Search
  English  ▼

X  

ADS5463 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5463 Datasheet HTML 9Page - Texas Instruments ADS5463 Datasheet HTML 10Page - Texas Instruments ADS5463 Datasheet HTML 11Page - Texas Instruments ADS5463 Datasheet HTML 12Page - Texas Instruments ADS5463 Datasheet HTML 13Page - Texas Instruments ADS5463 Datasheet HTML 14Page - Texas Instruments ADS5463 Datasheet HTML 15Page - Texas Instruments ADS5463 Datasheet HTML 16Page - Texas Instruments ADS5463 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Input Amplitude − dBFS
−60
−40
−20
0
20
40
60
80
100
120
−120
−100
−80
−60
−40
−20
0
fS = 500 MSPS
fIN = 100.3 MHz
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
G017
Input Amplitude − dBFS
−60
−40
−20
0
20
40
60
80
100
120
−120
−100
−80
−60
−40
−20
0
fS = 500 MSPS
fIN = 301.1 MHz
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
G018
AVDD − Supply Voltage − V
55
60
65
70
75
80
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
G026
fS = 500 MSPS
fIN= 100 MHz
TA = 405C
TA = 255C
TA = 05C
TA = 655C
TA = −405C
TA = 1005C
TA = 855C
Input Amplitude − dBFS
−20
0
20
40
60
80
100
−80
−70
−60
−50
−40
−30
−20
−10
0
fS = 500 MSPS
fIN1 = 350 MHz
fIN2 = 355 MHz
G020
Worst Spur (dBFS)
SNR (dBFS)
SNR (dBc)
Worst Spur (dBc)
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE (100-MHz INPUT SIGNAL)
INPUT AMPLITUDE (300-MHz INPUT SIGNAL)
Figure 18.
Figure 19.
AC PERFORMANCE
vs
SFDR
INPUT AMPLITUDE (350-MHz AND 355-MHz TWO-TONE
vs
INPUT SIGNAL)
AVDD5 ACROSS TEMPERATURE
Figure 20.
Figure 21.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com