Electronic Components Datasheet Search
  English  ▼

X  

ADS5463IPFP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 13Page - Texas Instruments ADS5463IPFP Datasheet HTML 14Page - Texas Instruments ADS5463IPFP Datasheet HTML 15Page - Texas Instruments ADS5463IPFP Datasheet HTML 16Page - Texas Instruments ADS5463IPFP Datasheet HTML 17Page - Texas Instruments ADS5463IPFP Datasheet HTML 18Page - Texas Instruments ADS5463IPFP Datasheet HTML 19Page - Texas Instruments ADS5463IPFP Datasheet HTML 20Page - Texas Instruments ADS5463IPFP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
500 W
Buffer
VCM
AVDD5
Buffer
1.6pF
GND
~0.5pF
package
~2.5nHBondWire
~200fF
bondpad
GND
package
bondpad
GND
AVDD5
ADS5474/5463/5444/5440
AIN
AIN
~2.5nHBondWire
500 W
~0.5pF
~200fF
1.6pF
R
50
0
W
Z
50
0
W
ADS5463
AIN
AIN
S0176-03
R
200 W
ACSignal
Source
Mini-Circuits
JTX-4-10T
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
Figure 30. Analog Input Equivalent Circuit
For a full-scale differential input, each of the differential lines of the input signal (pins 16 and 17) swing
symmetrically between 2.4 V + 0.55 V and 2.4 V – 0.55 V. This means that each input has a maximum signal
swing of 1.1 VPP for a total differential input signal swing of 2.2 VPP. Operation below 2.2 VPP is allowable, with
the characteristics of performance versus input amplitude demonstrated in Figure 18 and Figure 19. For
instance, for performance at 1.1 VPP rather than 2.2 VPP, see the SNR and SFDR at -6 dBFS (0 dBFS = 2.2 VPP).
The maximum swing is determined by the internal reference voltage generator, eliminating the need for any
external circuitry for this purpose.
The ADS5463 obtains optimum performance when the analog inputs are driven differentially. The circuit in
Figure 31 shows one possible configuration using an RF transformer with termination either on the primary or on
the secondary of the transformer. In addition, the evaluation module is configured with two back-to-back
transformers, which also demonstrates good performance. If voltage gain is required, a step-up transformer can
be used.
Figure 31. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
In addition to the transformer configurations, Texas Instruments offers a wide selection of single-ended
operational amplifiers that can be selected depending on the application. An RF gain-block amplifier, such as the
Texas Instruments THS9001, can also be used for high-input-frequency applications. For large voltage gains at
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com