Electronic Components Datasheet Search
  English  ▼

X  

TPS2550DRVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2550DRVT
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2550DRVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2550DRVT Datasheet HTML 17Page - Texas Instruments TPS2550DRVT Datasheet HTML 18Page - Texas Instruments TPS2550DRVT Datasheet HTML 19Page - Texas Instruments TPS2550DRVT Datasheet HTML 20Page - Texas Instruments TPS2550DRVT Datasheet HTML 21Page - Texas Instruments TPS2550DRVT Datasheet HTML 22Page - Texas Instruments TPS2550DRVT Datasheet HTML 23Page - Texas Instruments TPS2550DRVT Datasheet HTML 24Page - Texas Instruments TPS2550DRVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AUTO-RETRY FUNCTIONALITY
OUT
IN
GND
FAULT
ILIM
EN
Input
TPS2551
PowerPad
Output
0.1 F
m
R
100k
FAULT
W
C
0.1 F
RETRY
m
R
20k
ILIM
W
CLOAD
RLOAD
1kW
OUT
IN
GND
FAULT
ILIM
EN
ExternalLogic
Signal&Driver
TPS2551
PowerPad
Input
0.1 F
m
R
100k
FAULT
W
C
0.1 F
RETRY
m
R
20k
ILIM
W
CLOAD
RLOAD
1kW
Output
LATCH-OFF FUNCTIONALITY
TPS2550
TPS2551
www.ti.com .................................................................................................................................................... SLVS736A – FEBRUARY 2008 – REVISED JULY 2008
Some applications require that an overcurrent condition disables the part momentarily during a fault condition
and re-enables after a pre-set time. This auto-retry functionality can be implemented with an external resistor and
capacitor. During a fault condition, FAULT pulls low disabling the part. The part is disabled when EN is pulled
low, and FAULT goes high impedance allowing CRETRY to begin charging. The part re-enables when the voltage
on EN reaches the turnon threshold, and the auto-retry time is determined by the resistor/capacitor time
constant. The part will continue to cycle in this manner until the fault condition is removed.
Figure 22. Auto-Retry Functionality
Some applications require auto-retry functionality and the ability to enable/disable with an external logic signal.
The figure below shows how an external logic signal can drive EN through RFAULT and maintain auto-retry
functionality. The resistor/capacitor time constant determines the auto-retry time-out period.
Figure 23. Auto-Retry Functionality With External EN Signal
The circuit in Figure 24 uses an SN74HC00 quad-NAND gate to implement overcurrent latch-off. The SN74HC00
high-speed CMOS logic gate is selected because it operates over the 2.5V – 6.5V range of the TPS2550/51.
This circuit is designed to work with the active-high TPS2551. ENABLE must be logic low during start-up until VIN
is stable to ensure that the switch initializes in the OFF state. A logic high on ENABLE turns on the switch after
VIN is stable. FAULT momentarily pulls low during an overcurrent condition, which latches STAT logic low and
disables the switch. The host can monitor STAT for an overcurrent condition. Toggling ENABLE resets STAT and
re-enables the switch.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2550 TPS2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com