Electronic Components Datasheet Search
  English  ▼

X  

STD16NE06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD16NE06
Description  N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NE06 Datasheet(HTML) 1 Page - STMicroelectronics

  STD16NE06 Datasheet HTML 1Page - STMicroelectronics STD16NE06 Datasheet HTML 2Page - STMicroelectronics STD16NE06 Datasheet HTML 3Page - STMicroelectronics STD16NE06 Datasheet HTML 4Page - STMicroelectronics STD16NE06 Datasheet HTML 5Page - STMicroelectronics STD16NE06 Datasheet HTML 6Page - STMicroelectronics STD16NE06 Datasheet HTML 7Page - STMicroelectronics STD16NE06 Datasheet HTML 8Page - STMicroelectronics STD16NE06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STD16NE06
N - CHANNEL 60V - 0.07
Ω - 16A DPAK/IPAK
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.07
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
THROUG-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX ”-1”)
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics unique ”STripFET
™” strip-ba-
sed process.The resulting transistor shows extre-
mely high packing density for low on-resistance,
rugged avalanche characteristics and less critical
alignment steps therefore a remarkable manufac-
turing reproducibility.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
®
INTERNAL SCHEMATIC DIAGRAM
February 2000
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC16
A
ID
Drain Current (continuous) at Tc =100
oC11
A
IDM (
•)
Drain Current (pulsed)
64
A
Ptot
T otal Dissipat ion at Tc =25
oC40
W
Derating Factor
0.26
W /
o C
dv/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 16 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STD16NE06
60 V
< 0.085
Ω
16 A
1/9


Similar Part No. - STD16NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
Jun-1998
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Jul-1998
logo
VBsemi Electronics Co.,...
STD16NE06L-1 VBSEMI-STD16NE06L-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
STD16NE06LT4 VBSEMI-STD16NE06LT4 Datasheet
1,006Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD16NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
Jun-1998
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
Jul-1998
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STD19NE06 STMICROELECTRONICS-STD19NE06 Datasheet
306Kb / 9P
N-CHANNEL 60V - 0.042 W - 19A IPAK/DPAK STripFET POWER MOSFET
Mar-2002
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
10-Jan-2006
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com