Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IB Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8519IB
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IB Datasheet(HTML) 3 Page - Texas Instruments

  ADS8519IB Datasheet HTML 1Page - Texas Instruments ADS8519IB Datasheet HTML 2Page - Texas Instruments ADS8519IB Datasheet HTML 3Page - Texas Instruments ADS8519IB Datasheet HTML 4Page - Texas Instruments ADS8519IB Datasheet HTML 5Page - Texas Instruments ADS8519IB Datasheet HTML 6Page - Texas Instruments ADS8519IB Datasheet HTML 7Page - Texas Instruments ADS8519IB Datasheet HTML 8Page - Texas Instruments ADS8519IB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DC ACCURACY
INL
Integral linearity error
–3
3
–1.5
1.5
LSB(2)
DNL
Differential linearity error
–2
2
–1
1
LSB
No missing codes
15
16
Bits
Transition noise(3)
0.67
0.67
LSB
±10V range
Internal reference
–0.5
0.5
–0.25
0.25
Full-scale
%FSR
error(4)(5)
All other ranges
Internal reference
–0.5
–0.05
0.5
–0.5
–0.05
0.5
Full-scale error drift
Internal reference
±7
±7
ppm/
°C
±10V range
External reference
–0.05
0.003
0.05
–0.05
0.003
0.05
Full-scale
%FSR
error(4)(5)
All other ranges
External reference
–0.5
0.5
–0.5
0.5
Full-scale error drift
External reference
±2
±2
ppm/
°C
Bipolar zero error(4)
–4
4
–2
2
mV
Bipolar zero error drift
±2
±2
ppm/
°C
Unipolar zero
8.192V
–20
6
20
–20
6
20
mV
error(4)
Unipolar zero error drift
±0.4
±0.4
ppm/
°C
Recovery to rated accuracy after
1
µF capacitor to CAP
1
1
ms
power down
Power supply sensitivity
+4.75V < VD < +5.25V
–8
8
–8
8
LSB
(VDIG = VANA = VD)
AC ACCURACY
SFDR
Spurious-free dynamic range
fI = 20kHz
95
100
97
100
dB(6)
THD
Total harmonic distortion
fI = 20kHz
–96
–94
–98
–96
dB
fI = 20kHz
87
91
90
92
dB
SINAD
Signal-to-(noise+distortion)
–60dB Input
30
32
dB
SNR
Signal-to-noise ratio
fI = 20kHz
88
92
91
93
dB
Full-power bandwidth(7)
500
500
kHz
SAMPLING DYNAMICS
Aperture delay
5
5
ns
Transient response
FS step
2
2
µs
Overvoltage recovery(8)
150
150
ns
REFERENCE
Internal reference voltage
No load
4.076
4.096
4.116
4.076
4.096
4.116
V
Internal reference source current
1
1
µA
(must use external buffer)
Internal reference drift
8
8
ppm/
°C
External reference voltage range
2.5
4.096
4.1
2.5
4.096
4.1
V
for specified linearity
External reference current drain
External 4.096V ref.
100
100
µA
(2)
LSB means Least Significant Bit. For the ±10V input range, one LSB is 305
µV.
(3)
Typical rms noise at worst-case transitions and temperatures.
(4)
As measured with circuit shown in Figure 29 and Figure 30.
(5)
For bipolar input ranges, full-scale error is the worst case of –Full-Scale or +Full-Scale uncalibrated deviation from ideal first and last
code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar
input ranges, full-scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of
offset error.
(6)
All specifications in dB are referred to a full-scale ±10V input.
(7)
Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com