Electronic Components Datasheet Search
  English  ▼

X  

TPS65136 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65136
Description  Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65136 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65136 Datasheet HTML 1Page - Texas Instruments TPS65136 Datasheet HTML 2Page - Texas Instruments TPS65136 Datasheet HTML 3Page - Texas Instruments TPS65136 Datasheet HTML 4Page - Texas Instruments TPS65136 Datasheet HTML 5Page - Texas Instruments TPS65136 Datasheet HTML 6Page - Texas Instruments TPS65136 Datasheet HTML 7Page - Texas Instruments TPS65136 Datasheet HTML 8Page - Texas Instruments TPS65136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
16-Terminal TQFN PACKAGE
15
16
1
2
VIN
OUTN
3
4
OUTN
VAUX
13
14
6
5
8
12
11
10
9
PGND
OUTP
OUTP
PGND
Exposed
ThermalDie
RTEPackage
(TopView)
7
P0081-01
TPS65136
SLVS831A – APRIL 2008 – REVISED JULY 2008 ............................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
OPTIONS
ORDERING P/N
PACKAGE
PACKAGE MARKING
–40°C to 85°C
4.6 V fixed(2)
TPS65136RTE
RTE
CCO
(1)
The RTE package is available in tape and reel. Add R suffix (TPS65136RTER) to order quantities of 3000 parts per reel. For the most
current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at
www.ti.com.
(2)
Contact the factory for other output voltage options.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
8
I
Input pin to enable the device. Pulling this pin high enables the device. This pin has an internal 500-k
Ω
pulldown resistor.
FB
7
I
Feedback regulation input for the positive output voltage rail
FBG
6
I
Feedback regulation input
GND
5
–
Analog ground
L1
13, 14
I/O
Inductor terminal
L2
15, 16
I/O
Inductor terminal
OUTN
2, 3
O
Negative output
OUTP
9, 10
O
Positive output
PGND
11, 12
–
Power GND
VAUX
4
O
Reference voltage output. This pin requires a 100-nF capacitor for stability.
VIN
1
I
Input supply
Exposed thermal die
–
Connect this pad to analog GND.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com