Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IBDBRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8519IBDBRG4
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IBDBRG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8519IBDBRG4 Datasheet HTML 1Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 2Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 3Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 4Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 5Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 6Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 7Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 8Page - Texas Instruments ADS8519IBDBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
ADS8519
SLAS462A – JUNE 2007 – REVISED MARCH 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
NO
MINIMUM
SPECIFIED
INL
MISSING
SINAD
TEMPERATURE
PACKAGE-
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
CODES
(dB)
RANGE
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
ADS8519IBDB
Tube, 50
ADS8519IB
±1.5
16-Bit
90
–40
°C to +85°C
SSOP-28
DB
ADS8519IBDBR
Tape and Reel, 2000
ADS8519IDB
Tube, 50
ADS8519I
±3
15-Bit
87
–40
°C to +85°C
SSOP-28
DB
ADS8519IDBR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
UNIT
R1IN
±25V
R2IN
±25V
Analog inputs
R3IN
±25V
REF
+VANA + 0.3V to AGND2 – 0.3V
DGND, AGND2
±0.3V
Ground voltage differences
VANA
6V
VDIG
6V
Digital inputs
–0.3V to +VDIG + 0.3V
Internal power dissipation
700mW
Maximum junction temperature
+165
°C
Lead temperature (soldering, 10s)
+300
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
16
16
Bits
ANALOG INPUT
Voltage ranges(1)
Impedance(1)
Capacitance
50
50
pF
THROUGHPUT SPEED
Conversion cycle time
Acquire and convert
4
4
µs
Throughput rate
250
250
kSPS
(1)
±10V, ±5V, 0V to 8.192V, etc. (see Table 3)
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com