Electronic Components Datasheet Search
  English  ▼

X  

TXS0101DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TXS0101DBVT Datasheet HTML 1Page - Texas Instruments TXS0101DBVT Datasheet HTML 2Page - Texas Instruments TXS0101DBVT Datasheet HTML 3Page - Texas Instruments TXS0101DBVT Datasheet HTML 4Page - Texas Instruments TXS0101DBVT Datasheet HTML 5Page - Texas Instruments TXS0101DBVT Datasheet HTML 6Page - Texas Instruments TXS0101DBVT Datasheet HTML 7Page - Texas Instruments TXS0101DBVT Datasheet HTML 8Page - Texas Instruments TXS0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
RECOMMENDED OPERATING CONDITIONS
(1) (2)
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
TXS0101
SCES638A – OCTOBER 2007 – REVISED MAY 2008 ...................................................................................................................................................... www.ti.com
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.65
3.6
Supply voltage(3)
V
VCCB
2.3
5.5
1.65 V to 1.95 V
VCCI – 0.2
VCCI
A-port I/Os
2.3 V to 5.5 V
2.3 V to 3.6 V
VCCI – 0.4
VCCI
VIH
High-level input voltage
V
B-port I/Os
VCCI – 0.4
VCCI
1.65 V to 3.6 V
2.3 V to 5.5 V
OE input
VCCA × 0.65
5.5
A-port I/Os
0
0.15
VIL
Low-level input voltage
B-port I/Os
1.65 V to 3.6 V
2.3 V to 5.5 V
0
0.15
V
OE input
0
VCCA × 0.35
A-port I/Os,
10
push-pull driving
Input transition rise or fall
Δt/Δv
B-port I/Os,
1.65 V to 3.6 V
2.3 V to 5.5 V
ns/V
rate
10
push-pull driving
Control Input
10
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the supply associated with the input port.
(2)
VCCO is the supply associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
TEST
PARAMETER
VCCA
VCCB
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
IOH = –20 µA,
VOHA
1.65 V to 3.6 V
2.3 V to 5.5 V
VCCA × 0.67
V
VIB ≥ VCCB – 0.4 V
IOL = 1 mA,
VOLA
1.65 V to 3.6 V
2.3 V to 5.5 V
0.4
V
VIB ≤ 0.15 V
IOH = –20 µA,
VOHB
1.65 V to 3.6 V
2.3 V to 5.5 V
VCCB × 0.67
V
VIA ≥ VCCA – 0.2 V
IOL = 1 mA,
VOLB
1.65 V to 3.6 V
2.3 V to 5.5 V
0.4
V
VIA ≤ 0.15 V
II
OE
1.65 V to 3.6 V
1.65 V to 5.5 V
±1
±2
µA
A port
0 V
0 to 5.5 V
±1
±2
µA
Ioff
B port
0 to 3.6 V
0 V
±1
±2
µA
IOZ
A or B port
1.65 V to 3.6 V
2.3 V to 5.5 V
±1
±2
µA
1.65 V to VCCB
2.3 V to 5.5 V
2.4
VI = VO = open,
ICCA
3.6 V
0 V
2.2
µA
IO = 0
0 V
5.5 V
-1
1.65 V to VCCB
2.3 V to 5.5 V
12
VI = VO = open,
ICCB
3.6 V
0 V
-1
µA
IO = 0
0 V
5.5 V
1
VI = VCCI,
ICCA + ICCB
1.65 V to VCCB
2.3 V to 5.5 V
14.4
µA
IO = 0
CI
OE
3.3 V
3.3 V
2.5
3.5
pF
A port
5
6
Cio
3.3 V
3.3 V
pF
B port
6
7.5
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXS0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com