Electronic Components Datasheet Search
  English  ▼

X  

ADS7883SDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7883SDBVR
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7883SDBVR Datasheet(HTML) 2 Page - Texas Instruments

  ADS7883SDBVR Datasheet HTML 1Page - Texas Instruments ADS7883SDBVR Datasheet HTML 2Page - Texas Instruments ADS7883SDBVR Datasheet HTML 3Page - Texas Instruments ADS7883SDBVR Datasheet HTML 4Page - Texas Instruments ADS7883SDBVR Datasheet HTML 5Page - Texas Instruments ADS7883SDBVR Datasheet HTML 6Page - Texas Instruments ADS7883SDBVR Datasheet HTML 7Page - Texas Instruments ADS7883SDBVR Datasheet HTML 8Page - Texas Instruments ADS7883SDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SCLK
+IN
VDD
CDAC
SAR
COMPARATOR
OUTPUT
LATCHES
&
3−STATE
DRIVERS
CONVERSION
&
CONTROL
LOGIC
SDO
CS
ABSOLUTE MAXIMUM RATINGS
(1)
ADS7883
SLAS594 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
NO MISSING
PACKAGE
TRANSPORT
INTEGRAL
DIFFERENTIAL
CODES AT
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
DEVICE
DESIGNAT
MEDIA
LINEARITY
LINEARITY
RESOLUTION
TYPE
RANGE
MARKING
INFORMATION
OR
QUANTITY
(LSB)
(LSB)
(BIT)
Small Tape and
7883
ADS7883SBDBVT
Reel 250
ADS7883SB
±1
±1
12
Large Tape and
7883
ADS7883SBDBVR
Reel 3000
6-Pin
DBV
–40°C to 125°C
SOT23
Small Tape and
7883
ADS7883SDBVT
Reel 250
ADS7883S
±2
±2
11
Large Tape and
7883
ADS7883SDBVR
Reel 3000
(1)
For most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
UNIT
+IN to AGND
–0.3 V to +VDD +0.3 V
+VDD to AGND
–0.3 V to 7.0 V
Digital input voltage to GND
–0.3 V to (7.0 V)
Digital output to GND
–0.3 V to (+VDD + 0.3 V)
Operating temperature range
–40°C to 125°C
Storage temperature range
–65°C to 150°C
Junction temperature (TJ Max)
150°C
Power dissipation, SOT23 package
(TJ Max–TA)/θJA
Thermal impedance,
θ
JA
SOT23
295.2°C/W
Vapor phase (60 sec)
215°C
Lead temperature, soldering
Infrared (15 sec)
220°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com