Electronic Components Datasheet Search
  English  ▼

X  

DDC316 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DDC316
Description  16-Channel, Current-Input Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC316 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DDC316 Datasheet HTML 15Page - Texas Instruments DDC316 Datasheet HTML 16Page - Texas Instruments DDC316 Datasheet HTML 17Page - Texas Instruments DDC316 Datasheet HTML 18Page - Texas Instruments DDC316 Datasheet HTML 19Page - Texas Instruments DDC316 Datasheet HTML 20Page - Texas Instruments DDC316 Datasheet HTML 21Page - Texas Instruments DDC316 Datasheet HTML 22Page - Texas Instruments DDC316 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
VOLTAGE REFERENCE
10kW
10 F
m
3
1
2
+
0.47 F
m
+5V
VREF (4A,6A,6B)
REF3140
10 F
m
+
VREF_IN (4B)
0.1 F
m
DDC316
0.1 F
m
External VREF Buffer
Internal VREF Buffer
OPA350
0.1 F
m
+5V
10kW
10 F
m
4
3
2
3
1
2
7
6
+
0.1 F
m
10 F
m
+
0.47 F
m
+5V
REF3140
VREF (4A,6A,6B)
VREF_IN (4B)
0.1 F
m
DDC316
DDC316
www.ti.com .................................................................................................................................................................................................. SBAS370 – MARCH 2008
quality capacitors with low ESR (< 1
Ω) are necessary
for optimum performance. High ESR capacitors will
The reference voltage is used to reset the integration
lead to oscillation of the internal buffer. Ceramic
capacitors before an integration cycle begins. It is
capacitors
with
ESR
<
1
Ω
at
100kHz
are
also used by the ADCs when they measure the
recommended.
voltage stored on the integrators after an integration
cycle ends. During this sampling,
the
external
reference must supply the charge needed by the
ADCs. For an integration time of 20
µs, this charge
translates
to
an
average
VREF
current
of
approximately 270
µA. The amount of charge needed
by the ADC is independent of the integration time;
therefore, increasing the integration time lowers the
average current. For example, an integration time of
40
µs lowers the average VREF current to 135µA.
It is critical that VREF be stable during the different
modes of operation (see Figure 7). The ADC
measures the voltage on the integrator with respect
Figure 14. Recommended Circuit when Using the
to VREF. Since the integrator capacitors are initially
Internal VREF Buffer
reset to VREF, any drop in VREF, from the time the
capacitors are reset to the time when the converter
measures the integrator output, introduces an offset.
It is also important that VREF be stable over longer
The internal buffer can be turned off using the control
periods
of
time
because
changes
in
VREF
bits as explained in the Configuring the Modes
correspond directly to changes in the full-scale range.
section under Bit 4 and Table 10. For this option,
Finally, VREF should introduce as little additional
configure the driving circuit as illustrated in Figure 15.
noise as possible. For these reasons, it is strongly
The voltage reference is generated by a +4.096V
recommended that the external reference source be
reference. A low-pass filter to reduce noise connects
buffered with an operational amplifier.
the reference to an operational amplifier configured
as
a
buffer.
The
VREF_IN
pin
must
be
left
The DDC316 offers two options for driving the
disconnected.
reference voltage: through an external buffer or
through an internal buffer. In both the cases, the
This amplifier used as buffer should have low noise
reference voltage is generated external to the chip
and input/output common-mode ranges that support
using an accurate reference, such as the REF3140.
VREF. Even though the circuit in Figure 15 might
appear to be unstable as a result of the large output
capacitors,
it
works
well
for
most
operational
amplifiers.
It
is
not
recommended
that
series
The DDC316 provides an internal VREF buffer to
resistance be placed in the output lead to improve
drive the four on-chip ADCs. The reference voltage
stability because it can cause a drop in VREF and
must be provided at VREF_IN (pin 4B), as shown in
produce large offsets.
Figure 14. The external capacitors at the VREF pins
are necessary to stabilize the internal buffer. It is
recommended that these capacitors be placed as
close as possible to the device under test. Also, good
Figure 15. Recommended Circuit when Using an External VREF Buffer
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DDC316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com