Electronic Components Datasheet Search
  English  ▼

X  

DRV401 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401 Datasheet(HTML) 2 Page - Texas Instruments

  DRV401 Datasheet HTML 1Page - Texas Instruments DRV401 Datasheet HTML 2Page - Texas Instruments DRV401 Datasheet HTML 3Page - Texas Instruments DRV401 Datasheet HTML 4Page - Texas Instruments DRV401 Datasheet HTML 5Page - Texas Instruments DRV401 Datasheet HTML 6Page - Texas Instruments DRV401 Datasheet HTML 7Page - Texas Instruments DRV401 Datasheet HTML 8Page - Texas Instruments DRV401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Integrator
Filter
Probe
Interface
H−Bridge
Driver
V
OUT
REF
IN
I
COMP2
R
S
I
COMP1
Compensation
Patents Pending.
Diff
Amp
Timing, Error Detection,
and Power Control
Degauss
V
REF
V
REF
GND
+5V
IS2
IS1
DRV401
I
P
Compensation Winding
Magnetic Core
Primary Winding
Field Probe
PWM
PWM
ABSOLUTE MAXIMUM RATINGS
(1)
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR(2)
PACKAGE MARKING
DRV401
SO-20
DWP
DRV401M
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
+7
V
Voltage(2)
–0.5
VDD + 0.5
V
Differential amplifier(3)
–10
+10
V
Signal Input
terminals:
Current at IS1 and IS2
±75
mA
Current (pins other than IS1 and IS2)(2)
±25
mA
ICOMP short circuit
(4)
+250
mA
Operating junction temperature
–55
+150
°C
Storage temperature
–55
+150
°C
Pins IAIN1 and IAIN2 only
1
kV
Human body model
ESD rating
(HBM)
All other pins
4
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must
be current limited, except for the differential amplifier input pins.
(3)
These inputs are not internally protected against over voltage. The differential amplifier input pins must be limited to 5 mA, max or
±10 V, max.
(4)
Power-limited; observe maximum junction temperature.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com