Electronic Components Datasheet Search
  English  ▼

X  

NSSM016XT Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NSSM016XT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM016XT Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NSSM016XT Datasheet HTML 1Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 2Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 3Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 4Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 5Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 6Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 7Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 8Page - NICHIA CORPORATION NSSM016XT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
-3-
Nichia STSE-CM6044A
<Cat.No.060410>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec.
(Pre treatment 30°C,70%,168hrs.)
2 times
0/50
Thermal Shock
JEITA ED-4701
300 307
0°C ~ 100°C
15sec. 15sec.
100 cycles
0/50
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/50
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH 24hrs./1cycle
10 cycles
0/50
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
500hrs.
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C, RH=90%
500hrs.
0/50
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
500hrs.
0/50
Steady State Operating Life
Ta=25°C,
B IF=13mA
G IF=32mA
R IF=21mA
500hrs.
0/50
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%, B IF=8.5mA
G IF=18mA
R IF=14.5mA
500hrs.
0/50
Steady State Operating Life
of Low Temperature
Ta=-30°C,
B IF=13mA
G IF=32mA
R IF=21mA
500hrs.
0/50
Value for one LED device (Single color).
(2) CRITERIA FOR JUDGING DAMAGE (Value for one LED device (Single color).)
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
B,G,R IF=20mA
-
U.S.L.*) 1.1
Reverse Current
IR
B,G,R VR=5V
-
U.S.L.*) 2.0
Luminous Intensity
IV
B,G,R IF=20mA
L.S.L.**) 0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com