Electronic Components Datasheet Search
  English  ▼

X  

NSTM515AS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSTM515AS
Description  SPECIFICATIONS FOR NICHIA FULL COLOR LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSTM515AS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSTM515AS Datasheet HTML 6Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 7Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 8Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 9Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 10Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 11Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 12Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 13Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
a
a
^
^
7%G"%A"?H&UHCFI
a*a
%
B">I#A"R"A:&P!'(,010U'Q&&&&&&
18.
/84
/8-
/8.
/
/83
1
P(%Z.0W+]&=TZ./@UQ
3// 30/ 0// 00/ -// -0/ 5//
^*^
*6/W
2/W
/W
*2/W
*-/W
-/W 6/W
*6/W
2/W
/W
*2/W
*-/W
-/W 6/W
P(%Z.0W+]&=TZ./@UQ
P(%Z.0W+]&=TZ./@UQ
1
/80
/
1
/80
/
%
'OI#A>K@
7%G"%A"?H&UHCFI
<%RIFIHCA$!&&&PH@Q
!
[S\)
7)B
;7))!
[S\)
7)B
;7))!
[S\)
7)B
;7))!
(^N8+_U7U+()7='(=+'
,?GIF
!'(,010U'
!=+_=U&+`7N`7U(=`! ("AFI
!?8&
/11.1/11/.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com