Electronic Components Datasheet Search
  English  ▼

X  

NSPGF50AS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPGF50AS
Description  GREEN LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPGF50AS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPGF50AS Datasheet HTML 6Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 7Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 8Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 9Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 10Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 11Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 12Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 13Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Ta=25°C
IFP=20mA
1mA
(533nm)
5mA
(529nm)
20mA
(525nm)
110mA
(517nm)
50mA
(521nm)
0°
30°
0.5
90°
60°
1.0
Directivity
Radiation Angle
1.0
0.5
0
Spectrum
Forward Current vs.
Chromaticity Coordinate (λD)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
x
x
Wavelength
λ (nm)
400 450 500 550
650 700
600
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25°C
Ta=25°C
Ta=25°C
IF=20mA
IFP=20mA
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
0.85
0.80
0.75
0.70
0.65
0.60
0.05 0.10 0.15 0.20 0.25 0.30
540
535
530
520
515
510
525
1
5
10 20
200
50 110
0
20
60 80 100
40
-40 -20
540
530
525
510
535
520
515
Y-Y
X-X
Y
X
X
Y
Model
NSPGF50AS
NICHIA CORPORATION Title
No.
070524765561
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com