Electronic Components Datasheet Search
  English  ▼

X  

NSPLR70ASS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPLR70ASS
Description  WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPLR70ASS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPLR70ASS Datasheet HTML 1Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 2Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 3Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 4Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NSPLR70ASS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
-2-
Nichia
STSE-CW5169B
<Cat.No.070202>
Rank e2
x
0.3822
0.3897
0.4053
0.4255
0.4129
0.3954
y
0.3580
0.3823
0.3907
0.4000
0.3725
0.3642
Rank f1
x
0.4255
0.4390
0.4680
0.4970
0.4770
0.4519
y
0.4000
0.4310
0.4385
0.4466
0.4137
0.4086
Rank f2
x
0.4129
0.4255
0.4519
0.4770
0.4588
0.4355
y
0.3725
0.4000
0.4086
0.4137
0.3838
0.3785
Color Coordinates Measurement allowance is ± 0.01.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin (over Silicone Resin + Phosphor)
Leadframe
:
Ag plating
Copper Alloy
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in stick.
Please refer to figure’s page.
The label on the packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
-
Year
( 6 for 2006,
7 for 2007 )
-
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov. )
-
Nichia's Product Number
-
Ranking by Color Coordinates
-
Ranking by Luminous Flux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com