Electronic Components Datasheet Search
  English  ▼

X  

NSPR510CS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPR510CS
Description  RED LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR510CS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPR510CS Datasheet HTML 6Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 7Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 8Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 9Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 10Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 11Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 12Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 13Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 20
50
200
15
100
50°C(628nm)
25°C(625nm)
0°C(623nm)
85°C(630nm)
-30°C(620nm)
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
Directivity
Radiation Angle
Spectrum
x
x
IFP=20mA
1.2
1.0
0.8
0.4
0.2
0
0.6
IFP=20mA
Ta=25°C
Ambient Temperature vs.
Chromaticity Coordinate (λD)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
1.0
0.5
0
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
0°
30°
0.5
90°
60°
1.0
Ta=25°C
IF=20mA
Wavelength
λ (nm)
Wavelength
λ (nm)
Ta=25°C
IFP=20mA
0.68 0.69 0.70 0.71 0.72 0.73
0.33
0.32
0.31
0.30
0.29
0.28
631
629
627
625
621
619
623
-40
0
20
60
100
80
-20
40
450 500 550 600
700 750
650
631
627
625
619
629
623
621
CHARACTERISTICS
Model
NSPR510C(S)
NICHIA CORPORATION Title
No.
070606766121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com