Electronic Components Datasheet Search
  English  ▼

X  

NSPRR70ASS Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSPRR70ASS
Description  RED LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPRR70ASS Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSPRR70ASS Datasheet HTML 2Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 3Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 4Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 9Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
Nichia
STSE-CR6083A-1
<Cat.No.070226>
(3) Soldering Conditions
· Nichia LEDs uses a copper alloy lead frame which provides a high thermal conductivity.
Thermal
stress such as soldering heat may reduce the reliability of the product; particular caution should be
used to avoid damage prior to and during soldering.
The recommended soldering conditions are
listed in the following table.
· Solder the LED no closer than 1.6mm from the base of the stopper.
· The mechanical stress by clinching will cause degradation of the reliability on the LEDs.
It is
important to minimize the mechanical stress on the LEDs.
It should be confirmed beforehand
that it will not cause any problem when using it.
· Recommended soldering conditions
Dip Soldering
Hand Soldering
Pre-Heat
Pre-Heat Time
Solder Bath
Temperature
Dipping Time
Dipping Position
120°C Max.
60 seconds Max.
260°C Max.
5 seconds Max.
No lower than 1.6 mm from the
base of the stopper.
Temperature
Soldering Time
Position
350°C Max.
3 seconds Max.
No closer than 1.6 mm from the
base of the stopper.
· Although the recommended soldering conditions are specified in the above table, dip or hand
soldering at the lowest possible temperature is desirable for the LEDs.
· A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
· Dip soldering should not be done more than one time.
· Hand soldering should not be done more than one time.
· Do not apply any stress to the lead particularly when heated.
· The LEDs must not be repositioned after soldering.
· After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until
the LEDs return to room temperature.
· Direct soldering onto a PC board should be avoided.
Mechanical stress to the resin may be caused
from warping of the PC board or from the clinching and cutting of the leadframes.
When it is
absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility
for any problems.
Direct soldering should only be done after testing has confirmed that no damage,
such as wire bond failure or resin deterioration, will occur.
Nichia’s LEDs should not be soldered
directly to double sided PC boards because the heat will deteriorate the epoxy resin.
· When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize
the mechanical stress on the LEDs.
· Cut the LED leadframes at room temperature.
Cutting the leadframes at high temperatures may
cause failure of the LEDs.
(4) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED
placement on the board, as well as other components. It is necessary to avoid intense heat generation
and operate within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com