Electronic Components Datasheet Search
  English  ▼

X  

NSPW345CS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPW345CS
Description  WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW345CS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPW345CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 9Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 10Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 11Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 12Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 13Page - NICHIA CORPORATION NSPW345CS Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
-30°C
0°C
25°C
50°C
85°C
Ta=25°C
IFP=20mA
0°
30°
0.5
90°
60°
1.0
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
350
450
550
750
650
1.2
1.0
0.8
0.4
0.2
0
0.6
1.0
0.5
0
0.29 0.30 0.31 0.32 0.33 0.34
0.35
0.33
0.30
0.34
0.32
0.31
0.29 0.30 0.31 0.32 0.33 0.34
0.35
0.34
0.33
0.31
0.30
0.32
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
x
1mA
20mA
50mA
100mA
5mA
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
Y-Y
X-X
Y
X
X
Y
Model
NSPW345CS
NICHIA CORPORATION Title
No.
060309650391
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com