Electronic Components Datasheet Search
  English  ▼

X  

THS7374IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7374IPW
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7374IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7374IPW Datasheet HTML 15Page - Texas Instruments THS7374IPW Datasheet HTML 16Page - Texas Instruments THS7374IPW Datasheet HTML 17Page - Texas Instruments THS7374IPW Datasheet HTML 18Page - Texas Instruments THS7374IPW Datasheet HTML 19Page - Texas Instruments THS7374IPW Datasheet HTML 20Page - Texas Instruments THS7374IPW Datasheet HTML 21Page - Texas Instruments THS7374IPW Datasheet HTML 22Page - Texas Instruments THS7374IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
INPUT MODE OF OPERATION: DC
Level
Shift
Internal
Circuitry
+V
S
800kW
Input
Pin
INPUT MODE OF OPERATION: AC SYNC TIP
THS7374
www.ti.com....................................................................................................................................................................................................... SLOS590 – JULY 2008
of current. Thus, to avoid clipping, the allowable input
is [(2.9 V/2) – 0.15 V] = 1.3 V. This calculation is true
The
THS7374
allows
for
both
ac-coupled
and
for up to the maximum recommended 5-V power
dc-coupled inputs. Many DACs or video encoders can
supply that allows about a [(4.9 V/2) – 0.15 V] = 2.3 V
be dc-connected to the THS7374. One of the
input range while avoiding clipping on the output.
drawbacks to dc coupling is when 0 V is applied to
the input. Although the input of the THS7374 allows
The input impedance of the THS7374 in this mode of
for a 0-V input signal with no issues, the output swing
operation is dictated by the internal 800-k
Ω pull-down
of a traditional amplifier cannot yield a 0-V signal,
resistor, as shown in Figure 37. Note that the internal
resulting in possible clipping. This condition is true for
voltage shift does not appear at the input pin, but only
any single-supply amplifier as a result of the output
the output pin. This configuration ensures there is no
transistor
limitations.
Both
CMOS
and
bipolar
issue with interfacing to the source.
transistors cannot go to 0 V while sinking current.
This characterization of a transistor is also the same
reason why the highest output voltage is always less
than the power-supply voltage when sourcing current.
This output clipping can reduce the sync amplitudes
(both horizontal and vertical sync) on the video
signal. A problem occurs if the receiver of this video
signal uses an AGC loop to account for losses in the
transmission line. Some video AGC circuits derive
gain from the horizontal sync amplitude. If clipping
occurs on the sync amplitude, then the AGC circuit
can increase the gain too much—resulting in too
much luma and/or chroma amplitude gain correction.
This overcorrection may result in a picture with an
Figure 37. Equivalent DC Input Mode Circuit
overly bright display with too much color saturation.
Other AGC circuits use the chroma burst amplitude
for amplitude control, and a reduction in the sync
signals does not alter the proper gain setting.
CLAMP
However, it is good engineering design practice to
Some video DACs or encoders are not referenced to
ensure that saturation/clipping does not take place.
ground but rather to the positive power supply. The
Transistors always take a finite amount of time to
resulting video signals are generally too high of a
come out of saturation. This saturation could possibly
voltage for a dc-coupled video buffer to function
result in timing delays or other aberrations on the
properly. To account for this scenario, the THS7374
signals.
incorporates a sync-tip clamp (STC) circuit. This
To
eliminate
saturation/clipping
problems,
the
function requires a capacitor (nominally 0.1
µF) to be
THS7374 has a 150-mV input level shift feature. This
in series with the input. Note that while the term
feature takes the input voltage and adds an internal
sync-tip-clamp is used throughout this document, it
+150-mV shift to the signal. Since the THS7374 also
should be noted that the THS7374 would probably be
has a gain of 6 dB (2 V/V), the resulting output with a
better termed to be a dc restoration circuit based on
0-V applied input signal is approximately 300 mV.
how this function is performed. This circuit is an
The THS7374 rail-to-rail output stage can create this
active clamp circuit and not a passive diode clamp
output level while connected to a typical video load.
function.
This feature ensures that no saturation/clipping of the
The input to the THS7374 has an internal control loop
sync signals occur. This shift is constant, regardless
that sets the lowest input applied voltage to clamp at
of the input signal. For example, if a 1-V input is
ground (0 V). By setting the reference at 0-V, the
applied, the output is at 2.3 V.
THS7374 allows a dc-coupled input to also function.
Because the internal gain is fixed at +6 dB, the gain
Therefore,
the
STC
is
considered
transparent
dictates what the allowable linear input voltage range
because it does not operate unless the input signal
can be without clipping concerns. For example, if the
goes below ground. The signal then goes through the
power supply is set to 3.0 V, the maximum outputis
same 150-mV level shifter, resulting in an output
approximately 2.9 V while driving a significant amount
voltage low level of 300 mV. If the input signal tries to
go below 0 V, the internal control loop of the
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com