Electronic Components Datasheet Search
  English  ▼

X  

DRV601 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV601
Description  DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV601 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV601 Datasheet HTML 3Page - Texas Instruments DRV601 Datasheet HTML 4Page - Texas Instruments DRV601 Datasheet HTML 5Page - Texas Instruments DRV601 Datasheet HTML 6Page - Texas Instruments DRV601 Datasheet HTML 7Page - Texas Instruments DRV601 Datasheet HTML 8Page - Texas Instruments DRV601 Datasheet HTML 9Page - Texas Instruments DRV601 Datasheet HTML 10Page - Texas Instruments DRV601 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
20
20k
50 100
500 1k
2k
5k
f-frequency-Hz
0.001
10
0.01
0.1
1
V
=3.3V,
R =600
,
2Vrms
DD
L
W
20
20k
50 100
500
1k
2k
5k
f-frequency-Hz
0.001
10
0.01
0.1
1
V
=3.3V,
R =600
,
200mVrms
DD
L
W
0
10
2
4
6
8
0
4.5
0.5
1
1.5
2
2.5
3
3.5
V
-SupplyVoltage-V
DD
R =600
,
NoLoad
L
W
-140
0
-120
-100
-80
-60
-40
-20
0
20k
10k
f-frequency-Hz
V
=3.3V,
R =600
,
G=-60dB
DD
L
W
3
7
3.5
4
4.5
5
5.5
6
6.5
20
100k
100
1k 2k
10k
f-frequency-Hz
V
=3.3V,
R =600
,
2Vrms
DD
L
W
-200
0
-175
-150
-125
-100
-75
-50
-25
20
100k
100
1k 2k
10k
f-frequency-Hz
V
=3.3V,
R =600
,
2Vrms
DD
L
W
DRV601
www.ti.com ................................................................................................................................................ SLOS553A – JANUARY 2008 – REVISED AUGUST 2008
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
QUIESCENT SUPPLY CURRENT
vs
vs
vs
FREQUENCY
FREQUENCY
SUPPLY VOLTAGE
Figure 7.
Figure 8.
Figure 9.
FFT
GAIN
PHASE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
7
Product Folder Link(s): DRV601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com