Electronic Components Datasheet Search
  English  ▼

X  

ISO35DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35DW
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35DW Datasheet(HTML) 5 Page - Texas Instruments

  ISO35DW Datasheet HTML 1Page - Texas Instruments ISO35DW Datasheet HTML 2Page - Texas Instruments ISO35DW Datasheet HTML 3Page - Texas Instruments ISO35DW Datasheet HTML 4Page - Texas Instruments ISO35DW Datasheet HTML 5Page - Texas Instruments ISO35DW Datasheet HTML 6Page - Texas Instruments ISO35DW Datasheet HTML 7Page - Texas Instruments ISO35DW Datasheet HTML 8Page - Texas Instruments ISO35DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PARAMETER MEASUREMENT INFORMATION
375 W
60 W
+
V
OD
-
D
DE
GND2
V
CC2
A
B
0or3V
375 W
-7Vto12V
0 or
II
V
I
V
CC1
D
DE
A
B
V
OB
V
OA
V
OD
I
OA
I
OB
GND2
GND1
GND1
GND2
V
CC1
VCC1
VOD
VI
II
GND2
D
B
GND1
GND2
Input
27 W
IOA
IOB
VOB
VOA
VOC
VOC
VOC(PP)
VA
A
27 W
DE
B
A
VOC(SS)
VB
GND1
VOD
50 W
D
A
B
DE
VCC1
VI
Input
Generator
3 V
tf
tPLH
tPHL
VOD
VI
V
OD(H)
VOD(L)
C includesfixtureand
InstrumentationCapacitance
L
GND1
Generator:PRR=500kHz,50%duty
cycle,t <6ns,t <6ns,Z
=50
r
f
O
W
R =54
±1%
L
W
C =50pF
±20%
L
50%
50%
50%
50%
90%
90%
10%
10%
tr
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
Figure 1. Driver VOD Test and Current Definitions
Figure 2. Driver VOD With Common-Mode Loading Test
Circuit
Figure 3. Test Circuit and Waveform Definitions For The Driver Common-Mode Output Voltage
Figure 4. Driver Switching Test Circuit and Voltage Waveforms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ISO15 ISO35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com