Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVR
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS73601DBVR Datasheet HTML 16Page - Texas Instruments TPS73601DBVR Datasheet HTML 17Page - Texas Instruments TPS73601DBVR Datasheet HTML 18Page - Texas Instruments TPS73601DBVR Datasheet HTML 19Page - Texas Instruments TPS73601DBVR Datasheet HTML 20Page - Texas Instruments TPS73601DBVR Datasheet HTML 21Page - Texas Instruments TPS73601DBVR Datasheet HTML 22Page - Texas Instruments TPS73601DBVR Datasheet HTML 23Page - Texas Instruments TPS73601DBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS73601DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73601DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73601DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73601DRBR
SON
DRB
8
3000
346.0
346.0
29.0
TPS73601DRBR
SON
DRB
8
3000
370.0
355.0
55.0
TPS73601DRBT
SON
DRB
8
250
190.5
212.7
31.8
TPS73601DRBT
SON
DRB
8
250
220.0
205.0
50.0
TPS736125DRBR
SON
DRB
8
3000
346.0
346.0
29.0
TPS736125DRBT
SON
DRB
8
250
370.0
355.0
55.0
TPS736125DRBT
SON
DRB
8
250
190.5
212.7
31.8
TPS73615DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73615DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73615DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73615DRBR
SON
DRB
8
3000
370.0
355.0
55.0
TPS73615DRBR
SON
DRB
8
3000
346.0
346.0
29.0
TPS73615DRBT
SON
DRB
8
250
220.0
205.0
50.0
TPS73615DRBT
SON
DRB
8
250
190.5
212.7
31.8
TPS73618DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73618DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73618DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73619DRBR
SON
DRB
8
3000
370.0
355.0
55.0
TPS73619DRBT
SON
DRB
8
250
220.0
205.0
50.0
TPS73625DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73625DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73625DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73630DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73630DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73630DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73632DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73632DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73633DBVR
SOT-23
DBV
5
3000
195.0
200.0
45.0
TPS73633DBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
TPS73633DCQR
SOT-223
DCQ
6
2500
358.0
335.0
35.0
TPS73633DRBR
SON
DRB
8
3000
346.0
346.0
29.0
TPS73633DRBR
SON
DRB
8
3000
370.0
355.0
55.0
TPS73633DRBT
SON
DRB
8
250
220.0
205.0
50.0
TPS73633DRBT
SON
DRB
8
250
190.5
212.7
31.8
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Jul-2008
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com