Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 8Page - Texas Instruments TPS73601DBVT Datasheet HTML 9Page - Texas Instruments TPS73601DBVT Datasheet HTML 10Page - Texas Instruments TPS73601DBVT Datasheet HTML 11Page - Texas Instruments TPS73601DBVT Datasheet HTML 12Page - Texas Instruments TPS73601DBVT Datasheet HTML 13Page - Texas Instruments TPS73601DBVT Datasheet HTML 14Page - Texas Instruments TPS73601DBVT Datasheet HTML 15Page - Texas Instruments TPS73601DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
V
N(mVRMS)
+ 8.5
mVRMS
V
V
OUT(V)
(3)
DROPOUT VOLTAGE
BOARD LAYOUT RECOMMENDATION TO
TRANSIENT RESPONSE
INTERNAL CURRENT LIMIT
ENABLE PIN AND SHUTDOWN
TPS736xx
SBVS038R – SEPTEMBER 2003 – REVISED MAY 2008 .................................................................................................................................................. www.ti.com
An internal 27k
Ω resistor in series with the noise
When shutdown capability is not required, EN can be
reduction pin (NR) forms a low-pass filter for the
connected to VIN. However, the pass gate may not be
voltage reference when an external noise reduction
discharged using this configuration, and the pass
capacitor, CNR, is connected from NR to ground. For
transistor may be left on (enhanced) for a significant
CNR = 10nF, the total noise in the 10Hz to 100kHz
time after VIN has been removed. This scenario can
bandwidth is reduced by a factor of ~3.2, giving the
result in reverse current flow (if the IN pin is low
approximate relationship:
impedance) and faster ramp times upon power-up. In
addition, for VIN ramp times slower than a few
milliseconds,
the
output
may
overshoot
upon
power-up.
for CNR = 10nF.
This noise reduction effect is shown as RMS Noise
The TPS736xx uses an NMOS pass transistor to
Voltage vs CNR in the Typical Characteristics section.
achieve extremely low dropout. When (VIN – VOUT) is
The TPS73601 adjustable version does not have the
less than the dropout voltage (VDO), the NMOS pass
NR pin available. However, connecting a feedback
device is in its linear region of operation and the
capacitor, CFB, from the output to the feedback pin
input-to-output resistance is the RDS-ON of the NMOS
(FB)
reduces
output
noise
and
improves
load
pass element.
transient performance.
For large step changes in load current, the TPS736xx
The TPS736xx uses an internal charge pump to
requires a larger voltage drop from VIN to VOUT to
develop an internal supply voltage sufficient to drive
avoid degraded transient response. The boundary of
the gate of the NMOS pass element above VOUT. The
this transient dropout region is approximately twice
charge pump generates ~250
µV of switching noise at
the dc dropout. Values of VIN – VOUT above this line
~4MHz; however, charge-pump noise contribution is
ensure normal transient response.
negligible at the output of the regulator for most
Operating in the transient dropout region can cause
values of IOUT and COUT.
an increase in recovery time. The time required to
recover from a load transient is a function of the
magnitude of the change in load current rate, the rate
IMPROVE PSRR AND NOISE PERFORMANCE
of
change
in
load
current,
and
the
available
headroom
(VIN to VOUT voltage drop). Under
To improve ac performance such as PSRR, output
worst-case conditions [full-scale instantaneous load
noise, and transient response, it is recommended that
change with (VIN – VOUT) close to dc dropout levels],
the board be designed with separate ground planes
the TPS736xx can
take
a
couple
of
hundred
for VIN and VOUT, with each ground plane connected
microseconds to return to the specified regulation
only at the GND pin of the device. In addition, the
accuracy.
ground connection for the bypass capacitor should
connect directly to the GND pin of the device.
The low open-loop output impedance provided by the
NMOS
pass
element
in
a
voltage
follower
The TPS736xx internal current limit helps protect the
configuration allows operation without an output
regulator during fault conditions. Foldback current
capacitor
for
many
applications.
As
with
any
limit helps to protect the regulator from damage
regulator, the addition of a capacitor (nominal value
during output short-circuit conditions by reducing
1
µF) from the OUT pin to ground will reduce
current limit when VOUT drops below 0.5V. See
undershoot magnitude but increase its duration. In
Figure 12 in the Typical Characteristics section.
the adjustable version, the addition of a capacitor,
CFB, from the OUT pin to the FB pin will also improve
the transient response.
The enable pin (EN) is active high and is compatible
with standard TTL-CMOS levels. A VEN below 0.5V
(max) turns the regulator off and drops the GND pin
current to approximately 10nA. When EN is used to
shutdown the regulator, all charge is removed from
the pass transistor gate, and the output ramps back
up to a regulated VOUT (see Figure 23).
12
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS736xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com