Electronic Components Datasheet Search
  English  ▼

X  

ISO3086DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086DW
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3086DW Datasheet(HTML) 3 Page - Texas Instruments

  ISO3086DW Datasheet HTML 1Page - Texas Instruments ISO3086DW Datasheet HTML 2Page - Texas Instruments ISO3086DW Datasheet HTML 3Page - Texas Instruments ISO3086DW Datasheet HTML 4Page - Texas Instruments ISO3086DW Datasheet HTML 5Page - Texas Instruments ISO3086DW Datasheet HTML 6Page - Texas Instruments ISO3086DW Datasheet HTML 7Page - Texas Instruments ISO3086DW Datasheet HTML 8Page - Texas Instruments ISO3086DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com ............................................................................................................................................................... SLOS581A – MAY 2008 – REVISED JUNE 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA, no load
3
4.3
VCC
RL = 54 Ω, See Figure 1
1.5
2.3
Differential output voltage
| VOD |
V
magnitude
RL = 100 Ω (RS-422), See Figure 1
2
2.3
Vtest from –7 V to +12 V, See Figure 2
1.5
Change in magnitude of the
–0.2
0
0.2
V
Δ|VOD|
See Figure 1 and Figure 2
differential output voltage
Steady-state common-mode
1
2.6
3
VOC(SS)
output voltage
See Figure 3
V
Change in steady-state
–0.1
0.1
ΔVOC(SS)
common-mode output voltage
Peak-to-peak common-mode
0.5
V
VOC(pp)
See Figure 3
output voltage
II
Input current
D, DE, VI at 0 V or VCC1
–10
10
µA
ISO3082
See receiver input current
ISO3088
VY or VZ = 12 V,
High-impedance state output
VCC = 0 V or 5 V,
1
IOZ
current
DE = 0 V
ISO3080
Other input
µA
ISO3086
at 0 V
VY or VZ = –7 V.
VCC = 0 V or 5 V,
–1
DE = 0 V
VA or VB at –7 V
Other input
IOS
Short-circuit output current
–200
200
mA
at 0 V
VA or VB at 12 V
CMTI
Common-mode transient immunity VI = VCC1 or 0 V, See Figure 12
25
50
kV/
µs
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO4080/82
0.7
1.3
tPLH,
Propagation delay
ns
tPHL
ISO3086/88
25
45
ISO4080/82
20
200
PWD(1)
Pulse skew (|tPHL – tPLH|)
See Figure 4
ns
ISO3086/88
3
7.5
ISO4080/82
0.5
0.9
1.5
µs
tr, tf
Differential output signal rise and fall time
ISO3086/88
7
15
ns
Propagation delay,
50% Vo
2.5
7
ISO4080/82
µs
tPZH,
high-impedance-to-high-level ouput
90% Vo
1.8
tPZL
Propagation delay,
See Figure 5
ISO3086/88
25
55
high-impendance-to-low-level output
and Figure 6,
Propagation delay,
ISO4080/82
95
225
DE at 0 V
ns
tPHZ,
high-level-to-high-impedance output
tPLZ
Propagaitin delya, low-level to
ISO3086/88
25
55
high-impedance output
(1)
Also known as pulse skew
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com