Electronic Components Datasheet Search
  English  ▼

X  

AD2S1210BSTZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD2S1210BSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210BSTZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD2S1210BSTZ Datasheet HTML 28Page - Analog Devices AD2S1210BSTZ Datasheet HTML 29Page - Analog Devices AD2S1210BSTZ Datasheet HTML 30Page - Analog Devices AD2S1210BSTZ Datasheet HTML 31Page - Analog Devices AD2S1210BSTZ Datasheet HTML 32Page - Analog Devices AD2S1210BSTZ Datasheet HTML 33Page - Analog Devices AD2S1210BSTZ Datasheet HTML 34Page - Analog Devices AD2S1210BSTZ Datasheet HTML 35Page - Analog Devices AD2S1210BSTZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD2S1210
Rev. 0 | Page 33 of 36
Table 29. Loop Transfer Function Parameters vs. Resolution
(fCLKIN = 8.192 MHz)
Resolution (Bits)
t1 (ms)
t2 (ms)
Ka (sec−2)
10
0.4
42
39.6 × 106
12
1
91
6.5 × 106
14
2
160
1.6 × 106
16
8
728
92.7 × 103
Note that the closed-loop response is described as
)
(
1
)
(
)
(
s
G
s
G
s
H
+
=
(17)
By converting the calculation to the s-domain, it is possible to
quantify the open-loop dc gain (Ka). This value is useful to
calculate the acceleration error of the loop (see the Sources of
Error section).
The step response to a 10° input step is shown in Figure 10,
Figure 11, Figure 12, and Figure 13. The step response to a 179°
input step is shown in Figure 14, Figure 15, Figure 16, and
Figure 17. In response to a step change in velocity, the
AD2S1210 exhibits the same response characteristics as it does
for a step change in position.
Figure 18 and Figure 19 in the Typical Performance
Characteristics section show the magnitude and phase responses
of the AD2S1210 for each resolution setting.
SOURCES OF ERROR
Acceleration
A tracking converter employing a Type II servo loop does not
have a lag in velocity. There is, however, an error associated
with acceleration. This error can be quantified using the
acceleration constant (Ka) of the converter.
Error
Tracking
on
Accelerati
Input
K
a =
(18)
Conversely,
a
K
on
Accelerati
Input
Error
Tracking
=
(19)
The units of the numerator and denominator must be consistent.
The maximum acceleration of the AD2S1210 is defined by the
maximum acceptable tracking error in the users application.
For example, if the maximum acceptable tracking error is 5°,
then the maximum acceleration is defined as the acceleration that
creates an output position error of 5° (that is, when LOT is
indicated).
An example of how to calculate the maximum acceleration in a
12-bit application with a maximum tracking error of 5° is
≅
°
°
×
=
−
)
/rev
(
360
5
)
(sec
2
a
K
on
Accelerati
Maximum
90,300 rps2
(20)
Figure 20 to Figure 23 in the Typical Performance
Characteristics section show the tracking error vs. acceleration
response of the AD2S1210 for each resolution setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com