Electronic Components Datasheet Search
  English  ▼

X  

AD1884AJCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD1884AJCPZ
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884AJCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1884AJCPZ Datasheet HTML 8Page - Analog Devices AD1884AJCPZ Datasheet HTML 9Page - Analog Devices AD1884AJCPZ Datasheet HTML 10Page - Analog Devices AD1884AJCPZ Datasheet HTML 11Page - Analog Devices AD1884AJCPZ Datasheet HTML 12Page - Analog Devices AD1884AJCPZ Datasheet HTML 13Page - Analog Devices AD1884AJCPZ Datasheet HTML 14Page - Analog Devices AD1884AJCPZ Datasheet HTML 15Page - Analog Devices AD1884AJCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev. 0
|
Page 12 of 20
|
March 2008
AD1884A
HD AUDIO WIDGETS
Table 5. HD Audio Widgets1
1 All node IDs (NIDs) are sequential in the codec. Any NIDs missing from this table are vendor defined.
Node ID
Name
Type ID
Type
Description
0x00
ROOT
x
Root
Device identification
0x01
FUNCTION
x
Function
Designates this device as an audio codec
0x02
S/PDIF DAC
0
Audio Output
S/PDIF digital stream output interface
0x03
DAC_0
0
Audio Output
Stereo headphone channel digital/audio converter
0x04
DAC_1
0
Audio Output
Stereo front channel digital/audio converter
0x07
Port A Mixer
2
Audio Mixer
Mixes the DAC_(0, 1) and analog mixer output to drive Port A
0x08
ADC_0
1
Audio Input
Stereo record Channel 0 audio/digital converters
0x09
ADC_1
1
Audio Input
Stereo record Channel 1 audio/digital converters
0x0A
Port D Mixer
2
Audio Mixer
Mixes the DAC_1 and analog mixer output to drive Port D
0x0B
Port F Mixer
2
Audio Mixer
Mixes the DAC_(0, 1) and analog mixer output to drive Port F
0x0C
ADC Selector 0
3
Audio Selector
Selects and amplifies/attenuates the input to ADC_0
0x0D
ADC Selector 1
3
Audio Selector
Selects and amplifies/attenuates the input to ADC_1
0x0E
Mono Out Selector
3
Audio Selector
Selects the mono out DAC_(0, 1)
0x0F
Port F Out Selector
3
Audio Selector
Selects the Port F DAC_(0, 1)
0x10
Digital Beep
7
Beep Generator
Internal digital PCBeep signal
0x11
Port A (Headphone)
4
Pin Complex
Headphone jack pins
0x12
Port D (Line Out)
4
Pin Complex
Line out jack pins
0x13
Mono Out
4
Pin Complex
Monaural output pin (internal speakers or telephony system)
0x14
Port B (Mic In)
4
Pin Complex
Microphone in jack pins
0x15
Port C (Line In)
4
Pin Complex
Line in jack pins
0x16
Port F (Aux In/Out)
4
Pin Complex
Auxiliary I/O pins
0x19
Mixer Power Down
5
Power Widget
Powers down the analog mixer and associated amps
0x1A
Analog PCBeep
4
Pin Complex
External analog PCBeep signal input
0x1B
S/PDIF_Out
4
Pin Complex
S/PDIF output pin
0x1C
Port E (Dock I/O)
4
Pin Complex
Analog dock I/O pins
0x1D
VREF Power Down
F
Vendor Defined
Powers down the VREF circuitry
0x1E
Mono Out Mixer
2
Audio Mixer
Mixes the DAC_(0, 1) and analog mixer output to drive mono out
0x1F
Stereo Mix-Down
2
Audio Mixer
Mixes the stereo L/R channels to drive mono output
0x20
Analog Mixer
2
Audio Mixer
Mixes individually gainable analog inputs
0x21
Mixer Output Atten
3
Audio Selector
Attenuates the analog mixer output to drive the port mixers
0x22
Port A Out Selector
3
Audio Selector
Selects the Port A DAC_(0, 1)
0x23
Port E Out Selector
3
Audio Selector
Selects the Port E DAC_(0, 1)
0x24
Port E Mixer
2
Audio Mixer
Mixes the DAC_(0, 1) and analog mixer output to drive Port E
0x25
Port E Mic Boost
3
Audio Selector
0 dB, 10 dB, 20 dB, or 30 dB gain boost for Port E
0x26
BIAS Power Down
F
Vendor Defined
Powers down the internal MIC_BIAS_FILT and all MIC_BIAS pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com