Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7262 Datasheet HTML 22Page - Analog Devices AD7262 Datasheet HTML 23Page - Analog Devices AD7262 Datasheet HTML 24Page - Analog Devices AD7262 Datasheet HTML 25Page - Analog Devices AD7262 Datasheet HTML 26Page - Analog Devices AD7262 Datasheet HTML 27Page - Analog Devices AD7262 Datasheet HTML 28Page - Analog Devices AD7262 Datasheet HTML 29Page - Analog Devices AD7262 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD7262
Rev. 0 | Page 26 of 32
CS
SCLK
15
19
DOUTA
THREE-STATE
t4
23
4
20
t5
THREE-
STATE
18
DB9A
DB10A
DB11A
21
22
29
30
31
DB1A
DB0A
DOUTB
THREE-STATE
THREE-
STATE
DB9B
DB10B
DB11B
DB1B
DB0B
t2
t8
FIRST DATA BIT CLOCKED OUT
ON THE 19TH FALLING EDGE
FIRST DATA BIT READ
ON 20TH RISING EDGE
Figure 33. Serial Interface Timing Diagram When Reading Data on the 20th Rising SCLK Edge with a 40 MHz SCLK
CS
30
31
29
21
20
19
18
DOUTA
THREE-STATE
THREE-
STATE
SCLK
12
43
44
45
DB13A
DB12A
DB1A
DB0A
DB13B
DB12B
DB1B
DB0B
t10
Figure 34. Reading Data from Both ADCs on One DOUT Line with 45 SCLKs
CS
SCLK
1
5
19
DOUTA
THREE-STATE
t4
2
34
20
t5
THREE-
STATE
t7
t3
18
DB9A
DB10A
DB11A
21
29
30
31
DB1A
DB0A
DOUTB
THREE-STATE
THREE-
STATE
DB9B
DB10B
DB11B
DB1B
DB0B
t2
t9
t8
tQUIET
t6
FIRST DATA BIT CLOCKED
OUT ON THIS EDGE
FIRST DATA BIT READ
ON THIS EDGE
Figure 35. Serial Interface Timing Diagram When Reading Data on the Falling SCLK Edge with a Slow SCLK Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com