Electronic Components Datasheet Search
  English  ▼

X  

AD8506 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8506
Description  20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8506 Datasheet(HTML) 2 Page - Analog Devices

  AD8506 Datasheet HTML 1Page - Analog Devices AD8506 Datasheet HTML 2Page - Analog Devices AD8506 Datasheet HTML 3Page - Analog Devices AD8506 Datasheet HTML 4Page - Analog Devices AD8506 Datasheet HTML 5Page - Analog Devices AD8506 Datasheet HTML 6Page - Analog Devices AD8506 Datasheet HTML 7Page - Analog Devices AD8506 Datasheet HTML 8Page - Analog Devices AD8506 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8506/AD8508
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—1.8 V Operation ............................ 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution...................................................................................5
 
Typical Performance Characteristics ..............................................6
 
Theory of Operation ...................................................................... 13
 
Applications Information .............................................................. 15
 
Pulse Oximeter Current Source ............................................... 15
 
Four-Pole Low-Pass Butterworth Filter for
Glucose Monitor......................................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
7/08—Rev. 0 to Rev. A
Added AD8508 ...................................................................Universal
Added TSSOP Package ......................................................Universal
Changes to Features Section and General Description Section . 1
Added Figure 2; Renumbered Sequentially .................................. 1
Changed Electrical Characteristics Heading to Electrical
Characteristics—5 V Operation ..................................................... 3
Changes to Table 1............................................................................ 3
Added Electrical Characteristics—1.8 V Operation Heading.... 4
Changes to Table 2............................................................................ 4
Changes to Table 3, Thermal Resistance Section, and Table 4 ... 5
Added TA = 25°C Condition to Typical Performance
Characteristics Section..................................................................... 6
Changes to Figure 3, Figure 4, Figure 6, and Figure 7 ................. 6
Added Figure 11 and Figure 14....................................................... 7
Changes to Figure 17 Through Figure 20.......................................8
Changes to Figure 21 Through Figure 26.......................................9
Changes to Figure 27, Figure 28, Figure 30, and Figure 31....... 10
Changes to Figure 34, Figure 37, and Figure 38 ......................... 11
Added Figure 39 and Figure 40 .................................................... 12
Added Theory of Operation Section, Figure 41, and
Figure 42 .......................................................................................... 13
Added Figure 43 and Figure 44 .................................................... 14
Added Applications Information Section and Figure 45 .......... 15
Added Figure 46 ............................................................................. 16
Updated Outline Dimensions....................................................... 17
Added Figure 48 ............................................................................. 17
Changes to Ordering Guide .......................................................... 17
11/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com