Electronic Components Datasheet Search
  English  ▼

X  

SSM2317 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2317
Description  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2317 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2317 Datasheet HTML 12Page - Analog Devices SSM2317 Datasheet HTML 13Page - Analog Devices SSM2317 Datasheet HTML 14Page - Analog Devices SSM2317 Datasheet HTML 15Page - Analog Devices SSM2317 Datasheet HTML 16Page - Analog Devices SSM2317 Datasheet HTML 17Page - Analog Devices SSM2317 Datasheet HTML 18Page - Analog Devices SSM2317 Datasheet HTML 19Page - Analog Devices SSM2317 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SSM2317
Rev. A | Page 16 of 20
OUTPUT THRESHOLD
1400
1200
1000
800
600
400
200
0
0.1
1
10
100
1k
10k
RTH (kΩ)
5V (8Ω)
4.2V (8Ω)
3.6V (8Ω)
2.5V (8Ω)
The maximum output amplitude threshold (VTH) during the
limiting mode can be changed from 90% to 45% of VDD by
having an external resistor, RTH, between the VTH pin and GND.
Shorting the VTH pin to GND sets VTH to 90% of VDD. Leaving
the VTH pin unconnected sets VTH to 45% of VDD. The relation
of RTH to VTH is shown by the following equation:
DD
TH
TH
TH
V
R
R
V
×
×
+
+
×
=
2
kΩ
50
kΩ
50
9
.
0
Maximum output power is derived from VTH by the following
equation:
SP
TH
OUT
R
V
P
2
2
⎟
⎠
⎞
⎜
⎝
⎛
=
Figure 44. Maximum Output Power vs. RTH
ENABLE/DISABLING ALC
where RSP is the speaker impedance.
The ALC function is enabled when the ALC_EN pin is set to
VDD. The ACL function can be enabled and disabled during
amplifier operation. As a result of enabling ALC, ISY increases
by 100 μA and there is less than 50 μA source current from the
VTH pin to GND via RTH. When ALC is disabled, the source
current is 0 μA and the VTH pin is tied to GND.
Figure 43 shows the relationship between the RTH value and
VTH. Figure 44 shows the relationship between the maximum
output power and the RTH value.
100
90
80
70
60
50
40
0.1
1
10
100
1k
10k
RTH (kΩ)
Figure 43. Output Threshold (VTH) vs. RTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com