Electronic Components Datasheet Search
  English  ▼

X  

ADT6401 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT6401
Description  Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6401 Datasheet(HTML) 2 Page - Analog Devices

  ADT6401 Datasheet HTML 1Page - Analog Devices ADT6401 Datasheet HTML 2Page - Analog Devices ADT6401 Datasheet HTML 3Page - Analog Devices ADT6401 Datasheet HTML 4Page - Analog Devices ADT6401 Datasheet HTML 5Page - Analog Devices ADT6401 Datasheet HTML 6Page - Analog Devices ADT6401 Datasheet HTML 7Page - Analog Devices ADT6401 Datasheet HTML 8Page - Analog Devices ADT6401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADT6401/ADT6402
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ........................... 5
 
Typical Performance Characteristics ............................................. 6
 
Typical Application Circuits............................................................ 8
 
Theory of Operation .........................................................................9
 
Circuit Information.......................................................................9
 
Converter Details ..........................................................................9
 
Pin-Selectable Trip Point and Hysteresis ...................................9
 
Temperature Conversion........................................................... 10
 
Applications Information .............................................................. 11
 
Thermal Response Time ........................................................... 11
 
Self-Heating Effects.................................................................... 11
 
Supply Decoupling ..................................................................... 11
 
Temperature Monitoring........................................................... 11
 
Outline Dimensions ....................................................................... 12
 
Ordering Guide .......................................................................... 12
 
REVISION HISTORY
5/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com