Electronic Components Datasheet Search
  English  ▼

X  

ADUM5000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM5000
Description  Isolated DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5000 Datasheet(HTML) 2 Page - Analog Devices

  ADUM5000 Datasheet HTML 1Page - Analog Devices ADUM5000 Datasheet HTML 2Page - Analog Devices ADUM5000 Datasheet HTML 3Page - Analog Devices ADUM5000 Datasheet HTML 4Page - Analog Devices ADUM5000 Datasheet HTML 5Page - Analog Devices ADUM5000 Datasheet HTML 6Page - Analog Devices ADUM5000 Datasheet HTML 7Page - Analog Devices ADUM5000 Datasheet HTML 8Page - Analog Devices ADUM5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Preliminary Technical Data
ADuM5000
Rev. PrA | Page 2 of 15
TABLE OF CONTENTS
Applications....................................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics – 5V Primary Input Supply / 5V
Secondary Isolated Supply .......................................................... 3
Electrical Characteristics – 3.3V Primary Input Supply / 3.3V
Secondary Isolated Supply .......................................................... 4
Electrical Characteristics – 5V Primary Input Supply / 3.3V
Secondary Isolated Supply .......................................................... 5
Package Characteristics ............................................................... 6
Insulation and Safety-Related Specifications............................ 6
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics .............................................................................. 7
Recommended Operating Conditions ...................................... 7
Absolute Maximum Ratings ............................................................8
ESD Caution...................................................................................8
Pin Configuration and Function Descriptions..............................9
Application Information................................................................ 12
Theory of operation ................................................................... 12
PC Board Layout ........................................................................ 12
Thermal Analysis ....................................................................... 12
Insulation Lifetime ..................................................................... 13
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com