Electronic Components Datasheet Search
  English  ▼

X  

ADP121 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP121 Datasheet HTML 7Page - Analog Devices ADP121 Datasheet HTML 8Page - Analog Devices ADP121 Datasheet HTML 9Page - Analog Devices ADP121 Datasheet HTML 10Page - Analog Devices ADP121 Datasheet HTML 11Page - Analog Devices ADP121 Datasheet HTML 12Page - Analog Devices ADP121 Datasheet HTML 13Page - Analog Devices ADP121 Datasheet HTML 14Page - Analog Devices ADP121 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP121
Rev. 0 | Page 11 of 20
THEORY OF OPERATION
The ADP121 is a low quiescent current, low dropout linear
regulators that operate from 2.3 V to 5.5 V and provide up
to 150 mA of output current. Drawing a low 30 μA quiescent
current (typical) at full load makes the ADP121 ideal for battery-
operated portable equipment. Shutdown current consumption
is typically 100 nA.
Optimized for use with small 1 μF ceramic capacitors,
the ADP121 provides excellent transient performance.
0.8V REFERENCE
SHORT CIRCUIT,
UVLO, AND
THERMAL
PROTECT
SHUTDOWN
R1
R2
VOUT
VIN
GND
EN
Figure 27. Internal Block Diagram
Internally, the ADP121 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is con-
trolled by the error amplifier. The error amplifier compares the
reference voltage with the feedback voltage from the output and
amplifies the difference. If the feedback voltage is lower than
the reference voltage, the gate of the PMOS device is pulled
lower, allowing more current to flow and increasing the output
voltage. If the feedback voltage is higher than the reference
voltage, the gate of the PMOS device is pulled higher, allowing
less current to flow and decreasing the output voltage.
The ADP121 is available in 16 output voltage options ranging
from 1.2 V to 3.3 V. The ADP121 uses the EN pin to enable and
disable the VOUT pin under normal operating conditions.
When EN is high, VOUT turns on; when EN is low, VOUT
turns off. For automatic startup, EN can be tied to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com