Electronic Components Datasheet Search
  English  ▼

X  

STD25NE03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD25NE03L
Description  N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NE03L Datasheet(HTML) 1 Page - STMicroelectronics

  STD25NE03L Datasheet HTML 1Page - STMicroelectronics STD25NE03L Datasheet HTML 2Page - STMicroelectronics STD25NE03L Datasheet HTML 3Page - STMicroelectronics STD25NE03L Datasheet HTML 4Page - STMicroelectronics STD25NE03L Datasheet HTML 5Page - STMicroelectronics STD25NE03L Datasheet HTML 6Page - STMicroelectronics STD25NE03L Datasheet HTML 7Page - STMicroelectronics STD25NE03L Datasheet HTML 8Page - STMicroelectronics STD25NE03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STD25NE03L
N - CHANNEL 30V - 0.019
Ω - 25A - TO-251/TO-252
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.019
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS IN HIGH
PERFORMANCE VRMs
s
AUTOMOTIVE ENVIRONMENT(INJECTION,
ABS, AIR-BG, LAMPDRIVERS, Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Volt age (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC20**
A
ID
Drain Current (continuous) at Tc =100
oC18**
A
IDM(
•)
Drain Current (pulsed)
100
A
Ptot
Tot al Dissipation at Tc =25
oC45
W
Derating F act or
0.3
W /
oC
Tstg
Storage T emperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(**) Value limited only by the package
TYPE
VDSS
RDS(o n)
ID
STD25NE03L
30 V
< 0.025
25 A
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
1/9


Similar Part No. - STD25NE03L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD25N03L SAMHOP-STD25N03L Datasheet
784Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STD25N03L VBSEMI-STD25N03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD25N10F7 STMICROELECTRONICS-STD25N10F7 Datasheet
1Mb / 21P
Ultra low on-resistance
17-Sep-2013
logo
Inchange Semiconductor ...
STD25N10F7 ISC-STD25N10F7 Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STD25N10F7 VBSEMI-STD25N10F7 Datasheet
985Kb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STD25NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Jul-1998
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
Feb-1999
STD38NF03L STMICROELECTRONICS-STD38NF03L Datasheet
46Kb / 6P
N - CHANNEL 30V - 0.013 ohm - 38A TO-252 STripFET POWER MOSFET
Mar-2000
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
May-1999
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
May-2000
logo
Xian Semipower Electron...
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com