Electronic Components Datasheet Search
  English  ▼

X  

550C Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 550C
Description  Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550C Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  550C Datasheet HTML 1Page - Cornell Dubilier Electronics 550C Datasheet HTML 2Page - Cornell Dubilier Electronics 550C Datasheet HTML 3Page - Cornell Dubilier Electronics 550C Datasheet HTML 4Page - Cornell Dubilier Electronics 550C Datasheet HTML 5Page - Cornell Dubilier Electronics 550C Datasheet HTML 6Page - Cornell Dubilier Electronics 550C Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 550C 105 °C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85 °C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85 °C
120 Hz
(A)
Nominal Size
D x L
(inches)
1600
550C162T350BC2B
67.2
8.2
2 x 4 1/8
1000
550C102T400BJ2B
94.2
6.6
2 x 3 5/8
1700
550C172T350EE2B
65.3
8.3
1 3/4 x 5 1/8
1200
550C122T400ED2B
82.5
7.1
1 3/4 x 4 5/8
1800
550C182T350CB2B
62.1
8.8
2 1/2 x 3 1/8
1300
550C132T400EE2B
71.9
7.9
1 3/4 x 5 1/8
1900
550C192T350EF2B
58.0
9.1
1 3/4 x 5 5/8
1300
550C132T400BC2B
77.4
7.6
2 x 4 1/8
1900
550C192T350BD2B
57.3
9.2
2 x 4 5/8
1400
550C142T400CB2B
68.2
8.4
2 1/2 x 3 1/8
2200
550C222T350BE2B
50.0
10.2
2 x 5 1/8
1500
550C152T400EF2B
63.8
8.6
1 3/4 x 5 5/8
2300
550C232T350CJ2B
48.5
10.5
2 1/2 x 3 5/8
1500
550C152T400BD2B
64.3
8.7
2 x 4 5/8
2500
550C252T350BF2B
44.4
11.2
2 x 5 5/8
1700
550C172T400BE2B
57.5
9.5
2 x 5 1/8
2800
550C282T350CC2B
40.0
12.1
2 1/2 x 4 1/8
1800
550C182T400CJ2B
53.2
10.0
2 1/2 x 3 5/8
2800
550C282T350DB2B
41.2
12.2
3 x 3 1/8
2000
550C202T400BF2B
48.6
10.7
2 x 5 5/8
3300
550C332T350CD2B
34.0
13.6
2 1/2 x 4 5/8
2200
550C222T400CC2B
43.8
11.6
2 1/2 x 4 1/8
3600
550C362T350DJ2B
32.2
14.5
3 x 3 5/8
2200
550C222T400DB2B
45.7
11.6
3 x 3 1/8
3600
550C362T350DJ2B
32.2
14.5
3 x 3 5/8
2600
550C262T400CD2B
37.3
13.0
2 1/2 x 4 5/8
3800
550C382T350CE2B
29.7
15.1
2 1/2 x 5 1/8
2800
550C282T400DJ2B
35.7
13.7
3 x 3 5/8
4300
550C432T350CF2B
25.8
16.7
2 1/2 x 5 5/8
3000
550C302T400CE2B
32.5
14.4
2 1/2 x 5 1/8
4400
550C442T350DC2B
26.6
16.6
3 x 4 1/8
3400
550C342T400CF2B
28.9
15.8
2 1/2 x 5 5/8
5100
550C512T350DD2B
22.7
18.6
3 x 4 5/8
3400
550C342T400DC2B
29.3
15.8
3 x 4 1/8
5800
550C582T350FC2D
20.5
20.8
3 1/2 x 4 1/8
4000
550C402T400DD2B
25.0
17.7
3 x 4 5/8
5900
550C592T350DE2B
19.8
20.6
3 x 5 1/8
4600
550C462T400FC2D
22.2
20.0
3 1/2 x 4 1/8
6700
550C672T350DF2B
17.7
22.4
3 x 5 5/8
4700
550C472T400DE2B
21.4
19.8
3 x 5 1/8
6900
550C692T350FD2d
17.5
23.3
3 1/2 x 4 5/8
5300
550C532T400DF2B
19.0
21.6
3 x 5 5/8
7100
550C712T350DP2B
16.8
23.3
3 x 5 7/8
5400
550C542T400FD2D
18.9
22.4
3 1/2 x 4 5/8
8000
550C802T350FE2D
15.3
25.7
3 1/2 x 5 1/8
5600
550C562T400DP2B
18.1
22.4
3 x 5 7/8
9000
550C902T350FF2D
13.2
28.4
3 1/2 x 5 5/8
6200
550C622T400FE2D
16.5
24.7
3 1/2 x 5 1/8
9500
550C952T350FP2D
12.5
29.6
3 1/2 x 5 7/8
7100
550C712T400FF2D
14.3
27.3
3 1/2 x 5 5/8
9600
550C962T350DN2D
13.3
29.0
3 x 7 5/8
7500
550C752T400FP2D
13.5
28.4
3 1/2 x 5 7/8
11000
550C113T350DG2D
11.1
32.3
3 x 8 5/8
7800
550C782T400DN2D
14.6
27.6
3 x 7 5/8
13000
550C133T350FN2D
9.9
36.6
3 1/2 x 7 5/8
9000
550C902T400DG2D
12.4
30.6
3 x 8 5/8
15000 550C153T350FG2D
8.3
40.7
3 1/2 x 8 5/8
9700
550C972T400FN2D
10.9
34.9
3 1/2 x 7 5/8
400 Vdc (450 Vdc Surge)
11000
550C113T400FG2D
9.2
38.7
3 1/2x 8 5/8
130
550C131T400AK2B
733.0
1.4
1 3/8 x 1 5/8
450 Vdc (500 Vdc Surge)
200
550C201T400AA2B
458.0
2.0
1 3/8 x 2 1/8
90
550C900T450AK2B
827.0
1.3
1 3/8 x 1 5/8
300
550C301T400AH2B
328.0
2.5
1 3/8 x 2 5/8
140
550C141T450AA2B
521.0
1.8
1 3/8 x 2 1/8
310
550C311T400EA2B
310.0
2.8
1 3/4 x 2 1/8
210
550C211T450AH2B
353.0
2.4
1 3/8 x 2 5/8
400
550C401T400AB2B
241.0
3.1
1 3/8 x 3 1/8
220
550C221T450EA2B
333.0
2.7
1 3/4 x 2 1/8
400
550C401T400BA2B
247.0
3.4
2 x 2 1/8
280
550C281T450BA2B
265.0
3.3
2 x 2 1/8
450
550C451T400EH2B
216.0
3.6
1 3/4 x 2 5/8
290
550C291T450AB2B
260.0
3.0
1 3/8 x 3 1/8
510
550C511T400AJ2B
194.0
3.7
1 3/8 x 3 5/8
320
550C321T450EH2B
232.0
3.5
1 3/4 x 2 5/8
580
550C581T400BH2B
168.0
4.4
2 x 2 5/8
360
550C361T450AJ2B
208.0
3.5
1 3/8 x 3 5/8
610
550C611T400AC2B
162.0
4.2
1 3/8 x 4 1/8
410
550C411T450BH2B
180.0
4.3
2 x 2 5/8
630
550C631T400EB2B
155.0
4.5
1 3/4 x 3 1/8
430
550C431T450AC2B
174.0
4.1
1 3/8 x 4 1/8
710
550C711T400AD2B
139.0
4.7
1 3/8 x 4 5/8
440
550C441T450EB2B
166.0
4.3
1 3/4 x 3 1/8
800
550C801T400EJ2B
121.0
5.4
1 3/4 x 3 5/8
500
550C501T450AD2B
150.0
4.6
1 3/8 x 4 5/8
810
550C811T400AE2B
122.0
5.3
1 3/8 x 5 1/8
570
550C571T450AE2B
132.0
5.1
1 3/8 x 5 1/8
810
550C811T400BB2B
121.0
5.5
2 x 3 1/8
570
550C571T450EJ2B
130.0
5.2
1 3/4 x 3 5/8
910
550C911T400AF2B
109.0
5.8
1 3/8 x 5 5/8
570
550C571T450BB2B
129.0
5.3
2 x 3 1/8
980
550C981T400EC2B
99.3
6.2
1 3/4 x 4 1/8
640
550C641T450AF2B
118.0
5.6
1 3/8 x 5 5/8
990
550C991T400CH2B
95.2
6.7
2 1/2 x 2 5/8
700
550C701T450EC2B
107.0
6.0
1 3/4 x 4 1/8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com