Electronic Components Datasheet Search
  English  ▼

X  

930 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 930
Description  Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

930 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  930 Datasheet HTML 1Page - Cornell Dubilier Electronics 930 Datasheet HTML 2Page - Cornell Dubilier Electronics 930 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 930 Polypropylene Film Capacitors
Catalog
Part Number
D
Max.
L
+0.062 (1.5)
ESR
Maximum Ripple Current (Amps rms) at 20 kHz
Cap.
20-100 kHz dV/dt
Case Temperature
(µF)
Inches (mm) Inches (mm) (milliohms) (V/µs) +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
100 Vdc (70 Vac)
1.20
930C1W1P2K–F .454 (11.5) 1.000 (25.4)
24
14
5.7
5.3
4.9
4.4
3.8
3.0
2.8
1.50
930C1W1P5K–F .500 (12.7) 1.000 (25.4)
20
14
6.1
5.5
5.1
4.6
4.0
3.2
3.1
1.80
930C1W1P8K–F .541 (13.7) 1.000 (25.4)
19
14
6.3
5.7
5.3
4.8
4.1
3.4
3.0
2.00
930C1W2K–F
.486 (12.3) 1.250 (31.7)
18
10
6.5
6.0
5.5
4.9
4.2
3.5
3.2
2.20
930C1W2P2K–F .507 (12.9) 1.250 (31.7)
18
10
6.8
6.3
5.7
2.1
4.4
3.6
3.3
2.70
930C1W2P7K–F .554 (14.1) 1.250 (31.7)
17
10
7.1
6.5
6.0
5.3
4.6
3.7
3.4
3.00
930C1W3K–F
.581 (14.8) 1.250 (31.7)
16
10
7.3
6.7
6.2
5.5
4.8
3.9
3.5
3.30
930C1W3P3K–F .606 (15.4) 1.250 (31.7)
16
10
7.4
6.8
6.4
5.6
4.9
4.0
3.6
3.90
930C1W3P9K–F .654 (16.6) 1.250 (31.7)
15
10
7.6
6.9
6.6
5.8
5.1
4.1
3.7
4.00
930C1W4K–F
.537 (13.6) 1.750 (44.4)
15
6
7.8
7.0
6.7
5.9
5.2
4.2
3.8
4.70
930C1W4P7K–F .577 (14.7) 1.750 (44.4)
15
6
8.1
7.4
6.8
6.0
5.3
4.3
3.9
5.00
930C1W5K–F
.593 (15.1) 1.750 (44.4)
14
6
8.3
7.6
7.0
6.2
5.4
4.4
4.0
5.60
930C1W5P6K–F .624 (15.8) 1.750 (44.4)
14
6
8.4
7.7
7.1
6.4
5.5
4.5
4.1
6.00
930C1W6K–F
.644 (16.4) 1.750 (44.4)
14
6
8.5
7.8
7.2
6.5
5.6
4.6
4.2
6.80
930C1W6P8K–F .682 (17.3) 1.750 (44.4)
13
6
8.5
8.0
7.4
6.7
5.7
4.7
4.3
8.00
930C1W8K–F
.735 (18.7) 1.750 (44.4)
13
6
8.6
8.3
7.7
6.8
6.0
4.8
4.4
8.20
930C1W8P2K–F .743 (18.9) 1.750 (44.4)
13
6
8.8
8.6
8.0
7.0
6.1
4.9
4.5
10.00
930C1W10K–F
.815 (20.7) 1.750 (44.4)
12
6
9.0
9.0
8.5
7.6
6.6
5.4
4.9
250 Vdc (175 Vac)
.10
930C2P1K–F
.315
(8.0)
.750
(19.0)
---
37
.12
930C2P12K–F
.315
(8.0)
.750
(19.0)
---
37
.15
930C2P15K–F
.335
(8.5)
.750
(19.0)
---
37
.18
930C2P18K–F
.353
(9.0)
.750
(19.0)
---
37
.22
930C2P22K–F
.335
(8.5)
1.000 (25.4)
---
21
.27
930C2P27K–F
.335
(8.5)
1.000 (25.4)
---
21
.33
930C2P33K–F
.362
(9.2)
1.000 (25.4)
---
21
.39
930C2P39K–F
.389
(9.9)
1.000 (25.4)
---
21
.47
930C2P47K–F
.422 (10.7) 1.000 (25.4)
35
21
3.8
3.7
3.6
3.4
2.9
2.4
1.7
.56
930C2P56K–F
.464 (11.8) 1.000 (25.4)
33
21
3.9
3.8
3.7
3.5
3.1
2.5
1.8
.68
930C2P68K–F
.472 (12.0) 1.250 (31.7)
32
15
4.0
3.9
3.8
3.7
3.2
2.6
1.9
.82
930C2P82K–F
.471 (12.0) 1.250 (31.7)
31
15
4.2
4.1
4.0
3.9
3.4
2.8
2.0
1.00
930C2W1K–F
.513 (13.0) 1.260 (32.0)
28
15
4.4
4.4
4.4
4.4
4.3
3.5
3.2
1.20
930C2W1P2K–F .554 (14.1) 1.260 (32.0)
27
15
4.7
4.6
4.5
5.0
4.5
3.7
3.3
1.50
930C2W1P5K–F .613 (15.6) 1.260 (32.0)
26
15
5.1
5.0
4.9
4.4
4.7
3.9
3.5
1.80
930C2W1P8K–F .667 (16.9) 1.250 (31.7)
25
15
5.9
5.8
5.7
5.7
5.0
4.1
3.7
2.00
930C2W2K–F
.700 (17.8) 1.250 (31.7)
21
15
7.2
7.2
6.8
6.0
5.2
4.3
3.9
2.20
930C2W2P2K–F .650 (16.5) 1.750 (44.4)
20
9
8.4
7.5
7.0
6.3
5.4
4.5
4.1
2.70
930C2W2P7K–F .669 (17.0) 1.750 (44.4)
19
9
8.6
7.8
7.3
6.6
5.7
4.7
4.3
3.00
930C2W3K–F
.703 (17.8) 1.750 (44.4)
18
9
9.0
8.3
7.6
6.8
5.9
4.8
4.4
3.30
930C2W3P3K–F .734 (18.6) 1.750 (44.4)
18
9
9.0
8.4
7.8
7.0
6.0
4.9
4.5
3.90
930C2W3P9K–F .794 (20.2) 1.750 (44.4)
17
9
9.0
8.5
8.0
7.2
6.2
5.0
4.6
4.00
930C2W4K–F
.803 (20.4) 1.750 (44.4)
16
9
9.0
8.5
8.2
7.4
6.3
5.1
4.7
4.70
930C2W4P7K–F .866 (22.0) 1.750 (44.4)
16
9
9.0
8.8
8.5
7.7
6.6
5.3
4.9
5.00
930C2W5K–F
.892 (22.6) 1.750 (44.4)
15
9
9.0
9.0
8.8
7.9
6.8
5.6
5.1
5.60
930C2W5P6K–F .941 (23.9) 1.750 (44.4)
15
9
9.0
9.0
8.9
8.0
7.0
5.8
5.3
6.00
930C2W6K–F
.972 (24.7) 1.750 (44.4)
15
9
9.0
9.0
9.0
8.2
7.2
5.9
5.5
6.80
930C2W6P8K–F .882 (22.4) 2.250 (57.1)
15
9
9.0
9.0
9.0
8.4
7.4
6.0
5.6
8.00
930C2W8K–F
.953 (24.2) 2.250 (57.1)
14
9
9.0
9.0
9.0
8.7
7.8
6.3
5.8
8.20
930C2W8P2K–F .964 (24.5) 2.250 (57.1)
14
9
9.0
9.0
9.0
8.8
7.9
6.4
5.9
10.00
930C2W10K–F
1.060 (26.9) 2.250 (57.1)
13
9
9.0
9.0
9.0
9.0
8.3
6.8
6.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com