Electronic Components Datasheet Search
  English  ▼

X  

932 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 932
Description  Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

932 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  932 Datasheet HTML 1Page - Cornell Dubilier Electronics 932 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type 932 Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Cap.
(µF)
Catalog
Part Number
D
±.062(1.5)
Inches(mm)
L
+.062(1.5)
Inches(mm)
d
Inches(mm)
Typical
ESR
@100 KHz
milliohms
dV/dt
V/µs
I peak
A
I
RMS
70 ºC
100 kHz
(A)
400 Vdc (250)
1.50
932C4W1P5J–F 0.571
14.5
1.220
31
.040
1.0
3.6
70
105
9
2.00
932C4W2J–F
0.650
16.5
1.220
31
.040
1.0
2.9
70
140
9
2.20
932C4W2P2J–F 0.689
17.5
1.220
31
.040
1.0
2.8
70
155
9
2.50
932C4W2P5J–F 0.728
18.5
1.220
31
.040
1.0
2.5
70
175
9
3.00
932C4W3J–F
0.787
20.0
1.220
31
.040
1.0
2.3
70
210
9
4.00
932C4W4J–F
0.768
19.5
1.654
42
.040
1.0
3
50
200
9
4.70
932C4W4P7J–F 0.827
21.0
1.654
42
.040
1.0
2.7
50
235
9
5.00
932C4W5J–F
0.846
21.5
1.654
42
.040
1.0
2.6
50
250
9
6.80
932C4W6P8J–F 0.984
25.0
1.654
42
.051
1.0
2.1
50
340
11
10.00
932C4W10J–F
1.181
30.0
1.654
42
.051
1.3
1.8
50
500
11
15.00
932C4W15J–F
1.260
32.0
2.165
55
.051
1.3
3.1
30
450
11
600 Vdc (330 Vac)
1.00
932C6W1J–F
0.61
15.5
1.220
31
.040
1.0
4.2
100
100
9
2.00
932C6W2J–F
0.728
18.5
1.654
42
.040
1.0
4.1
75
150
9
2.20
932C6W2P2J–F 0.768
19.5
1.654
42
.040
1.0
3.9
75
165
9
3.00
932C6W3J–F
0.886
22.5
1.654
42
.051
1.3
3.1
75
225
9
4.70
932C6W4P7J–F 1.083
27.5
1.654
42
.051
1.3
2.3
75
350
11
5.00
932C6W5J–F
1.122
28.5
1.654
42
.051
1.3
2.2
75
375
11
6.80
932C6W6P8J–F 1.122
28.5
2.165
55
.051
1.3
4.5
50
340
11
10.00
932C6W10J–F
1.358
34.5
2.165
55
.051
1.3
3.5
50
500
11
700 Vdc (400Vac)
0.68
932C7P68J–F
0.669
17.0
1.220
31
.040
1.0
4.6
125
85
9
1.00
932C7W1J–F
0.807
20.5
1.220
31
.040
1.0
3.4
125
125
9
1.50
932C7W1P5J–F 0.807
20.5
1.654
42
.040
1.0
4.2
90
135
9
2.00
932C7W2J–F
0.925
23.5
1.654
42
.051
1.3
3.3
90
180
11
2.20
932C7W2P2J–F 0.965
24.5
1.654
42
.051
1.3
3.1
90
200
11
3.00
932C7W3J–F
1.122
28.5
1.654
42
.051
1.3
2.6
90
270
11
4.00
932C7W4J–F
1.299
33.0
1.654
42
.051
1.3
2.2
90
360
11
4.70
932C7W4P7J–F 1.181
30.0
2.165
55
.051
1.3
5.2
60
280
11
5.00
932C7W5J–F
1.201
30.5
2.165
55
.051
1.3
4.9
60
300
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com