Electronic Components Datasheet Search
  English  ▼

X  

AP2121 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2121
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2121 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2121 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2121 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AZ70XX series ICs are under voltage detectors with
a built in voltage threshold and low power consumption.
The AZ70XX are specifically designed to accurately
monitor power supplies.
The AZ70XX use a precision on-chip voltage reference
and a comparator to measure the input operating voltage.
These ICs can accurately reset the system after detecting
voltage at the time of switching power on and instanta-
neous power off in various CPU systems and other logic
systems. The detect voltage thresholds are 2.3V/2.5V/
2.7V/2.9V/3.1V/3.3V/4.2V/4.5V for AZ7023/25/27/29/
31/33/42/45 respectively. Built in hysteresis helps to pre-
vent erratic operation in the presence of noise.
Features
·
Low Current Consumption:
ICCL=300µA Typical
ICCH=30µA Typical
·
Low Minimum Operating Voltage for Output Reset-
ting: 0.8V Typical
·
Built in Hysteresis Voltage: 50mV Typical
·
Open Collector Output
·
Extended Temperature Range: -40 to 85oC
Applications
·
Low Battery Voltage Detector
·
Power Fail Indicator
·
Processor Reset Generator
·
Battery Backup Control
·
Home Electric Appliances
Benefits
·
Easier to Use
·
Very Competitive Price
Parametric Table
Supply Voltage (Max) (V)
20
Supply Current (Max)(
µA)
500
Detect Voltage (Typ)
2.3, 2.5, 2.7,
2.9, 3.1, 3.3,
4.2, 4.5
Detect Voltage Temperature
Coefficient (%/oC)
±0.01
"H" Transmission Delay Time (
µs)
15
Operating Temperature (Min) (oC)
-40
Operating Temperature (Max) (oC)
85
Additional Available Materials
·
Samples
·
Data Sheet
·
Reliability Report
·
ESD Report
Pin Configuration
Jun. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
VOLTAGE DETECTOR
AZ70XX
TO-92
SOT-89-3
VCC
GND OUT
1
2
3
OUT
GND
VCC
1
2
3
OUT
GND
VCC
1
2
3
TO-92 Ammo Packing
Description
The AP2121 series are positive voltage regulator ICs fab-
ricated by CMOS process. Each of these ICs consists of a
voltage reference, an error amplifier, a resistor network
for setting output voltage, a current limit circuit for cur-
rent protection and a chip enable circuit (5-pin products
only).
The AP2121 series feature high ripple rejection, low drop-
out voltage, low noise, high output voltage accuracy, and
low current consumption which make them ideal for use
in various battery-powered devices.
The AP2121 series have 1.5V, 1.8V, 2.5V, 2.8V, 3.0V,
3.2V and 3.3V versions.
The AP2121 are available in standard SOT-23-3 and SOT-
23-5 packages.
Features
·
Low Dropout Voltage at IOUT=100mA: 150mV Typi-
cal (Except 1.5V Version)
·
Low Quiescent Current: 25
µA Typical
·
High Ripple Rejection: 70dB Typical (f=1kHz)
·
Maximum Output Current: More Than 150mA
(300mA Limit)
·
Extremely Low Noise: 30
µVrms (10Hz to 100kHz)
·
Excellent Line Regulation: 4mV Typical
·
Excellent Load Regulation: 12mV Typical
·
Excellent Line Transient Response and Load Tran-
sient Response
Applications
·
Mobile Phones, Cordless Phones
·
Wireless Communication Equipment
·
Portable Games
·
Cameras, Video Recorders
·
Sub-board Power Supplies for Telecom Equipment
·
Battery Powered Equipment
Jul. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121
Benefits
·
Equivalent Characteristics to the Products from
Worldwide First-class Vendors
·
Very Competitive Price
Parametric Table
IOUT (Min) (mA)
150
Quiescent Current (Typ) (
µA)
25
VDROP at IOUT=100mA (Typ)
(mV)
150 (Except
1.5V Version)
VIN (Max) (V)
6
VOUT (V)
1.5, 1.8, 2.5,
2.8, 3.0, 3.2, 3.3
PSRR (dB)
70
Accuracy (%)
± 2
Load Regulation (Typ) (mV)
12
Line Regulation (Typ) (mV)
4
On/Off Pin
Yes
Error Flag
No
Operating Junction Temperature
(Min) (oC)
-40
Operating Junction Temperature
(Max) (oC)
85
Additional Available Materials
·
Samples
·
Data Sheet
·
Reliability Report
·
ESD Report


Similar Part No. - AP2121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.2TRG1 DIODES-AP2121AJ4-1.2TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.3TRG1 DIODES-AP2121AJ4-1.3TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.5TRG1 DIODES-AP2121AJ4-1.5TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2121AJ4-1.8TRG1 DIODES-AP2121AJ4-1.8TRG1 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
More results

Similar Description - AP2121

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com