Electronic Components Datasheet Search
  English  ▼

X  

AP2127 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127
Description  300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2127 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AZ70XX series ICs are under voltage detectors with
a built in voltage threshold and low power consumption.
The AZ70XX are specifically designed to accurately
monitor power supplies.
The AZ70XX use a precision on-chip voltage reference
and a comparator to measure the input operating voltage.
These ICs can accurately reset the system after detecting
voltage at the time of switching power on and instanta-
neous power off in various CPU systems and other logic
systems. The detect voltage thresholds are 2.3V/2.5V/
2.7V/2.9V/3.1V/3.3V/4.2V/4.5V for AZ7023/25/27/29/
31/33/42/45 respectively. Built in hysteresis helps to pre-
vent erratic operation in the presence of noise.
Features
·
Low Current Consumption:
ICCL=300µA Typical
ICCH=30µA Typical
·
Low Minimum Operating Voltage for Output Reset-
ting: 0.8V Typical
·
Built in Hysteresis Voltage: 50mV Typical
·
Open Collector Output
·
Extended Temperature Range: -40 to 85oC
Applications
·
Low Battery Voltage Detector
·
Power Fail Indicator
·
Processor Reset Generator
·
Battery Backup Control
·
Home Electric Appliances
Benefits
·
Easier to Use
·
Very Competitive Price
Parametric Table
Supply Voltage (Max) (V)
20
Supply Current (Max)(
µA)
500
Detect Voltage (Typ)
2.3, 2.5, 2.7,
2.9, 3.1, 3.3,
4.2, 4.5
Detect Voltage Temperature
Coefficient (%/oC)
±0.01
"H" Transmission Delay Time (
µs)
15
Operating Temperature (Min) (oC)
-40
Operating Temperature (Max) (oC)
85
Additional Available Materials
·
Samples
·
Data Sheet
·
Reliability Report
·
ESD Report
Pin Configuration
Jun. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
VOLTAGE DETECTOR
AZ70XX
TO-92
SOT-89-3
VCC
GND OUT
1
2
3
OUT
GND
VCC
1
2
3
OUT
GND
VCC
1
2
3
TO-92 Ammo Packing
Description
The AP2127 Series are positive Voltage regulator ICs
fabricated by CMOS process.
The AP2127 Series have features of low dropout voltage,
low noise, high output voltage accuracy, and low current
consumption which make them ideal for use in various
battery-powered devices.
AP2127 has 1.0V and 1.2V fixed voltage version.
Features
·
Wide Operating Voltage: 2.5V to 6V
·
High Output Voltage Accuracy:
±2%
·
High Ripple Rejection:
65dB@ f=1kHz, 45dB@ f=10kHz
·
Low Standby Current: 0.1
µA
·
Low Quiescent Current: 60
µA Typical
·
Low Output Noise: 60
µVrms
·
Short Current Limit: 50mA
·
Over Temperature Protection
·
Compatible with Low ESR Ceramic Capacitor: 1
µF
for CIN and COUT
·
Excellent Line/Load Regulation
·
Soft Start Time
: 50
µs
·
Auto Discharge Resistance: RDS(ON)=60Ω
Applications
·
Datacom
·
Notebook Computers
·
Mother Board
Aug. 2008
BCD Semiconductor Manufacturing Limited
Product Brief
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
Benefits
·
Equivalent Characteristics to the Products from
Worldwide First-class Vendors
·
Very Competitive Price
Parametric Table
Input Voltage Range (V)
2.5 to 6
Output Current (Min) (mA)
300
Quiescent Current (
µA)
60
PSRR (dB)
f=1kHz
65
f=10kHz
45
Accuracy (%)
±
2
Load Regulation (Max) (%/A)
0.6
Line Regulation (Max) (%/V)
0.06
On/Off Pin
Yes
Error Flag
No
Operating Junction Temperature (Min)
(oC)
-40
Operating Junction Temperature (Max)
(oC)
85
Additional Available Materials
·
Samples
·
Preliminary Datasheet
·
Reliability Report
·
ESD Report


Similar Part No. - AP2127

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
logo
BCD Semiconductor Manuf...
AP2127K-1.0TRG1 BCDSEMI-AP2127K-1.0TRG1 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127K-1.0TRG1 DIODES-AP2127K-1.0TRG1 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
logo
BCD Semiconductor Manuf...
AP2127K-1.2TRG1 BCDSEMI-AP2127K-1.2TRG1 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results

Similar Description - AP2127

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127 BCDSEMI-AP2127_09 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE515A ACE-ACE515A Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
300mA Low Noise CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
Low Noise, 300mA CMOS LDO Regulator
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
TECH PUBLIC Electronics...
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com