Electronic Components Datasheet Search
  English  ▼

X  

AP2128 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
10
Jun. 2008 Rev. 1.1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 12. Output Voltage vs. Input Voltage (IOUT=300mA)
0
1
2
3456
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
OUT=0.8V
Figure 14. Load Transient
(Conditions: CIN=COUT=1µF, VIN=2.5V, VOUT=0.8V)
IOUT
VOUT
Figure 15. Load Transient
(Conditions: CIN=COUT=1µF, VIN=4.4V, VOUT=3.3V)
IOUT
VOUT
Figure 13. Power Dissipation vs. Case Temperature
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature(
oC)
V
OUT=0.8V
No heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com