Electronic Components Datasheet Search
  English  ▼

X  

AM4967RGS Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AM4967RGS
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4967RGS Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AM4967RGS Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4967RGS Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Preliminary Datasheet
4
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AM4967
5V
Reference
Controller
VCC
VREF
HIN+
HIN-
1
Lock Shutdown
and
Auto Restart
Oscillation
Hysteresis
Amp
Thermal Shutdown
CT
LS VMIN VPWM
COSC
CS
GND
OUT2
OUT2B
OUT1
OUT1B
FG/RD
2
3
4
5
67
8
9
10
11
12
13
14
15
16
Hysteresis
Amp
Pre-
driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com