Electronic Components Datasheet Search
  English  ▼

X  

CD16 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CD16
Description  Snubber and RF Application, Mica Capacitors Higher dV/dt Capability and Flatter Insertion Loss
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD16 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CD16 Datasheet HTML 1Page - Cornell Dubilier Electronics CD16 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
Ideal for snubber and RF applications, CDV16 mica capacitors now handle dV/
dts up to 275,000 V/μs and they assure controlled, resonance-free performance
through 1 GHz. CDV16/CD16 mica capacitors excel in both snubber applications
and high-frequency applications like RF and CATV. Type CDV16’s high pulse
current capability make them ideal for pulse and snubber applications. CDV16
capacitors withstand an unlimited number of pulses with a dV/dt of 275,000
V/μs. This is a 20% increase in dV/dt capability when compared to our CDV19
mica capacitors and CDV16’s are smaller too. CDV16 capacitors handle higher
peak currents — up to 825 amps. They also handle high continuous RMS current
at 5 MHz and up to 30 MHz. For example, a 470 pF CDV16 capacitor handles
6.2 A rms continuously at 13.56 MHz and it is 1/4 the cost of a comparable
porcelain ceramic capacitor. In addition to being great for snubbers, CDV16
is a fit for your RF applications. Their compact size and closer lead spacing
improves insertion loss performance — insertion loss data is flat within ±0.2 dB,
typically to beyond a gigahertz.
Higher dV/dt Capability and Flatter Insertion Loss
• Handles up to 9.0 amps rms continuous current
• Very low ESR from 10 to 100 MHz
• Low, notch-free impedance to 1GHz
• Stable: no capacitance change with (V), (t), and (f)
• Very high Q at UHF/VHF frequencies
• Tape and reeling available
• dV/dt capability up to 275,000 V/μs
• 1,500 amps peak current capability
Capacitance Range:
100 pF to 7,500 pF
Capacitance Tolerance:
±5% (J) standard;
±1% (F) and ±2%
(G) available
Voltage:
500 Vdc & 1,000 Vdc
Temperature Range:
–55 °C to +150 °C
Highlights
Specifications
Typical Performance Curves
RoHS-5 Compliant
Has more than 1000 ppm lead in some homog-
enous material but otherwise complies with the EU
Directive 2002/95/EC requirement restricting the
use of Lead (Pb), Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)), PolyBrominated Bi-
phenyls (PBB) and PolyBrominated Diphenyl Ethers
(PBDE).


Similar Part No. - CD16

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD16 CDE-CD16 Datasheet
353Kb / 4P
Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
logo
TDK Electronics
CD16-E2GA472MYGSA TDK-CD16-E2GA472MYGSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CD16-E2GA472MYNSA TDK-CD16-E2GA472MYNSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Bourns Electronic Solut...
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
Schottky Barrier Rectifier Chip Diode
CD1607-B120L BOURNS-CD1607-B120L Datasheet
287Kb / 5P
Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD16

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
Kersemi Electronic Co.,...
KSM4P25 KERSEMI-KSM4P25 Datasheet
1Mb / 7P
Improved dv/dt capability
logo
Fairchild Semiconductor
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
Improved dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
Extremely high dv/dt capability
12-Jul-2013
STE88N65M5 STMICROELECTRONICS-STE88N65M5 Datasheet
1,008Kb / 14P
Higher dv/dt capability
24-Feb-2014
logo
Cornell Dubilier Electr...
940C CDE-940C Datasheet
279Kb / 5P
High dV/dt for Snubber Applications
942C CDE-942C Datasheet
285Kb / 6P
Very High dV/dt for Snubber Applications
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
logo
Infineon Technologies A...
AUIRFZ44NS INFINEON-AUIRFZ44NS Datasheet
643Kb / 11P
Dynamic dV/dT and dI/dT capability
2015-10-27
logo
First Silicon Co., Ltd
FTK3908Z FS-FTK3908Z Datasheet
1Mb / 5P
Improved dv/dt capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com