Electronic Components Datasheet Search
  English  ▼

X  

AP3039 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3039
Description  BOOST CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3039 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3039 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3039 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BOOST CONTROLLER
AP3039
Preliminary Datasheet
2
BCD Semiconductor Manufacturing Limited
May 2008 Rev. 1. 0
Pin Description
Pin Number
Pin Name
Function
1
EN
Enable pin
2
VIN
Input supply pin, must be locally bypassed
3, 12
NC
No connection
4VCC
6V linear regulator output pin. VCC is used to bias the gate driver for the external MOSFET.
If VIN is less than 8.5V, the VCC is equal to VIN minus drop voltage across bypass switch. This
pin should be bypassed to GND (recommend to connect with AGND pin) with a ceramic
capacitor
5
OUT
Connect this pin to the gate of external MOSFET, the gate driver has 0.6A peak current capa-
bility
6
PGND
Power ground
7
RT
An external resistor connected from this pin to GND to set the operating frequency
8
CS
Sense switch current pin, which is used for current mode control and for current limit
9
AGND
Reference ground
10
SHDN
This pin can be connected to current matched chip and receives error signal used to shut down
the system
11
FB
Voltage Feedback Pin. The reference voltage is 500mV
13
COMP
Compensation Pin. This pin is the output of the internal Error Amplifier
Figure 2. Pin Configuration of AP3039 (Top View)
Pin Configuration
(QFN-3x3-16)
NC
AGND
OUT PGND
FN Package
VIN
RT
VCC
SHDN
SS
UVLO
EN
OV
FB
NC
COMP
CS
E P
56
7
8
13
14
15
16
1
2
3
49
10
11
12
Pin 1 Identification
Exposed PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com