Electronic Components Datasheet Search
  English  ▼

X  

AP3605 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3605
Description  CHARGE PUMP CURRENT SOURCE FOR LED DRIVER WITH BRIGHTNESS CONTROL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3605 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3605 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3605 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IMPORTANT NOTICE
BCD Semiconductor Manufacturing Limited reserves the right to make changes without further notice to any products or specifi-
cations herein. BCD Semiconductor Manufacturing Limited does not assume any responsibility for use of any its products for any
particular purpose, nor does BCD Semiconductor Manufacturing Limited assume any liability arising out of the application or use
of any its products or circuits. BCD Semiconductor Manufacturing Limited does not convey any license under its patent rights or
other rights nor the rights of others.
- Wafer Fab
Shanghai SIM-BCD Semiconductor Manufacturing Limited
800, Yi Shan Road, Shanghai 200233, China
Tel: +86-21-6485 1491, Fax: +86-21-5450 0008
BCD Semiconductor Manufacturing Limited
MAIN SITE
REGIONAL SALES OFFICE
Shenzhen Office
Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd. Shenzhen Office
Advanced Analog Circuits (Shanghai) Corporation Shenzhen Office
Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian District, Shenzhen 518026, China
Tel: +86-755-8826 7951
Fax: +86-755-8826 7865
Taiwan Office
BCD Semiconductor (Taiwan) Company Limited
4F, 298-1, Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel: +886-2-2656 2808
Fax: +886-2-2656 2806
USA Office
BCD Semiconductor Corporation
30920 Huntwood Ave. Hayward,
CA 94544, U.S.A
Tel : +1-510-324-2988
Fax: +1-510-324-2788
- IC Design Group
Advanced Analog Circuits (Shanghai) Corporation
8F, Zone B, 900, Yi Shan Road, Shanghai 200233, China
Tel: +86-21-6495 9539, Fax: +86-21-6485 9673
BCD Semiconductor Manufacturing Limited
http://www.bcdsemi.com
BCD Semiconductor Manufacturing Limited
Description
The AP3605 is a step-up DC/DC converter based on 1.5x
charge pump current source, it is specially designed for
LED supplies in backlight display.
The AP3605 can provide constant current up to 20mA for
each LED, which is programmed by an external resistor,
so it has a total capability to provide 80 mA for 4 LEDs.
The chip has a good performance of LED current
matching and allows PWM brightness dimming control.
Additionally, high switching frequency up to 1 MHz
enables the use of two small external flying capacitors.
Internal soft-start circuitry prevents excessive inrush
current during start-up.
The AP3605 supply voltage range is from 2.7V to 5.5 V,
ideally suited for applications powered by the Li-ion
battery.
The AP3605 is available in a 3mm*3mm QFN-3x3-16
tiny package. Its operating temperature range is -40oC to
85oC
Features
·
Regulated Output Current with
±3% Matching
·
Regulated
±10% Output Current Source
·
Drive up to 4 LEDs at 20 mA Each
·
Wide Operating Voltage Range: 2.7V to 5.5V
·
High Efficiency up to 93%
·
High Operating Frequency: 1MHz
·
Built-in Soft-Start to Limit the Inrush Current
·
LED Brightness Control through PWM and Analog
Signal
·
Built-in Standby Mode to Make PWM Dimming
Control Optimized
·
Built-in OTSD (Over Temperature Shutdown) Func-
tion to Protect the Device from Burn Out
Applications
·
Mobile Phone
·
MP3, MP4
·
White LED Backlight in Mobile Phone, PDA
Benefits
·
Wide Input Voltage Range
·
High Current Matching Precision
·
Built-in Standby to Make PWM Dimming Control
Optimized
Additional Available Materials
·
Samples
·
Preliminary Datasheet
·
Demo Board
·
Application Note
·
ESD Report
Jul. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
CHARGE PUMP CURRENT SOURCE FOR LED DRIVER WITH BRIGHTNESS CONTROL
AP3605
Parametric Table
Input Voltage (V)
2.7 to 5.5
Supply Current (Typ) (mA)
1.5
Operating Frequency (Typ) (MHz)
1.0
Efficiency (Typ) (%)
93
Output Current (Max) (mA)
120
Current Matching (Min/Max) (%)
±3
Soft Start Time (Typ) (
µS)
400
Standby Time
(Typ) (ms)
2.0
Package
QFN-3x3-
16


Similar Part No. - AP3605

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3605FNTR-E1(Note1) BCDSEMI-AP3605FNTR-E1(Note1) Datasheet
702Kb / 13P
4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
More results

Similar Description - AP3605

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60230 TI-TPS60230 Datasheet
382Kb / 15P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
White LED Charge Pump Current Source with PWM Brightness Control
logo
Texas Instruments
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122_16 Datasheet
2Mb / 16P
White LED Charge Pump Current Source with PWM Brightness Control
SGM3124 SGMICRO-SGM3124_16 Datasheet
2Mb / 15P
White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com