Electronic Components Datasheet Search
  English  ▼

X  

D260VG Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # D260VG
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

D260VG Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  D260VG Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited D260VG Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited D260VG Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited D260VG Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited D260VG Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited D260VG Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited D260VG Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SCHOTTKY BARRIER RECTIFIERS
APD260
Preliminary Datasheet
4
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 5. Maximum Non-Repetitive
Figure 6. Typical Reverse Characteristics
Figure 7. Typical Junction Capacitance
Typical Performance Characteristics (Continued)
Peak Forward Surge Current
10
100
10
15
20
25
30
35
40
45
50
Number of Cycles at 60Hz
T
J=TJ(max)
Single Half Sine-Wave
0
20406080
100
10
0
10
1
10
2
10
3
10
4
10
5
Percent of Rated Peak Reverse Voltage (%)
T
J=25
oC
T
J=125
oC
0.1
1
10
100
10
100
Reverse Voltage (V)
TJ=25
oC
f=1.0MHz
V
SIG=50mVp-p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com