Electronic Components Datasheet Search
  English  ▼

X  

AZV331 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AZV331
Description  SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV331 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
13
Mar 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
13
BCD Semiconductor Manufacturing Limited
Data Sheet
Mechanical Dimensions
SOT-23-5
Unit: mm(inch)
2.820(0.111)
0.000(0.000)
0.300(0.012)
0.950(0.037)
1.050(0.041)
0.100(0.004)
0.200(0.008)
8°
0°
3.020(0.119)
0.400(0.016)
0.100(0.004)
1.150(0.045)
0.200(0.008)
1.800(0.071)
2.000(0.079)
0.700(0.028)
REF
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com