Electronic Components Datasheet Search
  English  ▼

X  

CDV16 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CDV16
Description  Snubber and RF Application, Mica Capacitors Higher dV/dt Capability and Flatter Insertion Loss
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDV16 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CDV16 Datasheet HTML 1Page - Cornell Dubilier Electronics CDV16 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
Ratings
Cap.
(pF)
Catalog
Part Number
L
H
T
Ipk
Max Continuous Current @ 85°C, Amps
in (mm)
in (mm)
in (mm) Amps 100kHz 250 kHz 500 kHz 1MHz 2.5MHz 5MHz
500 Vdc (300 Vac)
100
CD16FD101J03
.43 (10.9) .46 (11.7) 0.15 (3.8)
20
0.019
0.047
0.09
0.19
0.47
0.78
120
CD16FD121J03
.43 (10.9) .46 (11.7) 0.15 (3.8)
24
0.023
0.057
0.11
0.23
0.57
0.86
150
CD16FD151J03
.43 (10.9) .46 (11.7) 0.15 (3.8)
30
0.028
0.071
0.14
0.28
0.71
0.96
180
CD16FD181J03
.43 (10.9) .46 (11.7) 0.15 (3.8)
36
0.034
0.085
0.17
0.34
0.85
1.1
220
CD16FD221J03
.43 (10.9) .46 (11.7) 0.15 (3.8)
44
0.041
0.10
0.21
0.41
1.0
1.2
270
CD16FD271J03
.45 (11.4) .47 (11.9) 0.16 (4.1)
54
0.051
0.13
0.25
0.51
1.3
1.3
330
CD16FD331J03
.45 (11.4) .47 (11.9) 0.16 (4.1)
66
0.062
0.16
0.31
0.62
1.5
1.5
390
CD16FD391J03
.45 (11.4) .47 (11.9) 0.16 (4.1)
78
0.074
0.18
0.37
0.74
1.6
1.6
470
CD16FD471J03
.45 (11.4) .47 (11.9) 0.16 (4.1)
94
0.089
0.22
0.44
0.89
1.8
1.8
560
CD16FD561J03
.46 (11.7) .50 (12.7) 0.18 (4.6) 110
0.11
0.26
0.53
1.1
2.0
2.0
680
CD16FD681J03
.46 (11.7) .50 (12.7) 0.18 (4.6) 160
0.15
0.39
0.77
1.5
2.5
2.5
820
CD16FD821J03
.46 (11.7) .50 (12.7) 0.18 (4.6) 160
0.15
0.39
0.77
1.5
2.5
2.5
1000
CD16FD102J03
.46 (11.7) .50 (12.7) 0.18 (4.6) 200
0.19
0.47
0.94
1.9
2.7
2.7
1200
CD16FD122J03
.46 (11.7) .50 (12.7) 0.18 (4.6) 240
0.23
0.57
1.1
2.3
3.0
3.0
1500
CD16FD152J03
.46 (11.7) .50 (12.7) 0.18 (4.6) 300
0.28
0.71
1.4
2.7
3.3
3.3
1800
*
CD16FD182J03
.47 (11.9) .52 (13.2) 0.25 (6.4) 360
0.34
0.85
1.7
3.4
4.1
4.1
2200
CD16FD222J03
.47 (11.9) .52 (13.2) 0.25 (6.4) 440
0.41
1.0
2.1
4.1
4.5
4.5
2700
CD16FD272J03
.47 (11.9) .52 (13.2) 0.25 (6.4) 540
0.51
1.3
2.5
5.0
5.0
5.0
3000
CD16FD302J03
.47 (11.9) .52 (13.2) 0.25 (6.4) 600
0.57
1.4
2.8
5.2
5.2
5.2
3300
CD16FD332J03
.48 (12.2) .53 (13.7) 0.28 (7.1) 600
0.57
1.4
2.8
5.7
6.8
6.8
3600
CD16FD362J03
.48 (12.2) .53 (13.7) 0.28 (7.1) 720
0.68
1.7
3.4
6.8
7.1
7.1
3900
CD16FD392J03
.48 (12.2) .54 (13.7) 0.28 (7.1) 780
0.74
1.8
3.7
7.4
7.4
7.4
4300
CD16FD432J03
.48 (12.2) .54 (13.7) 0.28 (7.1) 860
0.81
2.0
4.0
7.0
7.8
7.8
4700
CD16FD472J03
.49 (12.5) .56 (14.2) 0.31 (7.9) 940
0.89
2.2
4.4
8.5
8.5
8.5
5600
CD16FD562J03
.49 (12.5) .56 (14.2) 0.33 (8.4) 1100
1.1
2.6
5.3
9.0
9.0
9.0
6800
CD16FD682J03
.50 (12.7) .57 (14.7) 0.38 (9.7) 1300
1.3
3.2
6.4
9.0
9.0
9.0
7500
CD16FD752J03
.50 (12.7) .58 (14.7) .40 (10.2) 1500
1.4
3.5
7.1
9.0
9.0
9.0
1,000 Vdc (350 Vac)
100
CDV16FF101J03
.43 (10.9) .46 (11.7) .15 (3.8)
23
0.022
0.055
0.11
0.22
0.55
0.92
120
CDV16FF121J03
.43 (10.9) .46 (11.7) .15 (3.8)
27
0.026
0.066
0.13
0.26
0.66
1
130
CDV16FF131J03
.43 (10.9) .46 (11.7) .15 (3.8)
29
0.029
0.071
0.14
0.29
0.71
1.1
150
CDV16FF151J03
.43 (10.9) .46 (11.7) .15 (3.8)
34
0.033
0.082
0.16
0.33
0.82
1.1
180
CDV16FF181J03
.43 (10.9) .46 (11.7) .15 (3.8)
41
0.04
0.10
0.2
0.4
1.0
1.2
200
CDV16FF201J03
.43 (10.9) .46 (11.7) .15 (3.8)
45
0.044
0.11
0.22
0.44
1.1
1.3
220
CDV16FF221J03
.43 (10.9) .46 (11.7) .15 (3.8)
50
0.048
0.12
0.24
0.48
1.2
1.4
240
CDV16FF241J03
.43 (10.9) .46 (11.7) .15 (3.8)
54
0.053
0.13
0.26
0.53
1.3
1.4
270
CDV16FF271J03
.45 (11.4) .47 (11.9) .16 (4.1)
61
0.059
0.15
0.3
0.59
1.5
1.6
300
CDV16FF301J03
.45 (11.4) .47 (11.9) .16 (4.1)
68
0.066
0.16
0.33
0.7
1.6
1.7
330
CDV16FF331J03
.45 (11.4) .47 (11.9) .16 (4.1)
74
0.073
0.18
0.36
0.73
1.8
1.8
360
CDV16FF361J03
.45 (11.4) .47 (11.9) .16 (4.1)
81
0.079
0.2
0.4
0.79
1.8
1.8
390
CDV16FF391J03
.45 (11.4) .47 (11.9) .16 (4.1)
88
0.086
0.21
0.43
0.86
1.9
1.9
420
CDV16FF421J03
.45 (11.4) .47 (11.9) .16 (4.1)
95
0.092
0.23
0.46
0.92
2
2.0
430
CDV16FF431J03
.45 (11.4) .47 (11.9) .16 (4.1)
97
0.095
0.24
0.47
0.95
2.0
2.0
470
CDV16FF471J03
.45 (11.4) .47 (11.9) .16 (4.1)
106
0.1
0.26
0.52
1
2.1
2.1
500
CDV16FF501J03
.45 (11.4) .47 (11.9) .16 (4.1)
113
0.11
0.27
0.55
1.1
2.2
2.2
510
CDV16FF511J03
.45 (11.4) .47 (11.9) .16 (4.1)
115
0.11
0.28
0.56
1.1
2.2
2.2
560
CDV16FF561J03
.46 (11.7) .50 (12.7) .17 (4.4)
126
0.12
0.31
0.62
1.2
2.4
2.4
620
CDV16FF621J03
.46 (11.7) .50 (12.7) .17 (4.4)
140
0.14
0.34
0.68
1.4
2.5
2.5
680
CDV16FF681J03
.46 (11.7) .50 (12.7) .17 (4.4)
153
0.15
0.37
0.75
1.5
2.7
2.7
750
CDV16FF751J03
.46 (11.7) .50 (12.7) .17 (4.4)
169
0.16
0.41
0.82
1.6
2.8
2.8
820
CDV16FF821J03
.46 (11.7) .50 (12.7) .17 (4.4)
185
0.18
0.45
0.9
1.8
2.9
2.9
910
CDV16FF911J03
.46 (11.7) .50 (12.7) .17 (4.4)
205
0.2
0.5
1
2
3.1
3.1
1000
CDV16FF102J03
.46 (11.7) .50 (12.7) .17 (4.4)
225
0.22
0.55
1.1
2.2
3.2
3.2
1200
CDV16FF122J03
.46 (11.7) .50 (12.7) .17 (4.4)
270
0.26
0.66
1.3
2.6
3.5
3.5
1300
CDV16FF132J03
.46 (11.7) .50 (12.7) .17 (4.4)
293
0.29
0.71
1.4
2.9
3.7
3.7
1500
CDV16FF152J03
.46 (11.7) .50 (12.7) .18 (4.6)
338
0.33
0.82
1.6
3.3
3.9
3.9
1800
*
CDV16FF182J03
.47 (11.9) .52 (13.2) .25 (6.4)
495
0.4
0.99
2
4
4.8
4.8
2000
CDV16FF202J03
.47 (11.9) .52 (13.2) .25 (6.4)
605
0.48
1.2
2.4
4.8
5.3
5.3
2200
CDV16FF222J03
.47 (11.9) .52 (13.2) .25 (6.4)
605
0.48
1.2
2.4
4.8
5.3
5.3
2400
CDV16FF242J03
.47 (11.9) .52 (13.2) .25 (6.4)
660
0.53
1.3
2.6
5.3
5.5
5.5
2700
CDV16FF272J03
.47 (11.9) .52 (13.2) .25 (6.4)
743
0.59
1.5
3
5.8
5.8
5.8
3000
CDV16FF302J03
.47 (11.9) .52 (13.2) .25 (6.4)
825
0.66
1.6
3.3
6.2
6.2
6.2
* Best RF performances is = to or < this cap rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com