Electronic Components Datasheet Search
  English  ▼

X  

SP271K Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SP271K
Description  Ceramic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SP271K Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SP271K Datasheet HTML 1Page - Cornell Dubilier Electronics SP271K Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
**Please note: Y5U Will no longer be available once stock is depleted. (2/23/05)
High Voltage Highlights and Specifications
Highly Efficient for Bypass and Coupling Applications
Designed Around EIA Test
Spec. RS-165ARadial Leads
•
•
•
EIA Class 2 Temperature/ Frequency Stable
Ceramic Capacitors
Ratings
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Lead Length:
Insulation Resistance:
Power Factor @ 1000 Hz:
Breakdown Voltage:
100 pF to 10,000 pF
2,000 and 3,000 WVDC
10%. 20%
-30 ºC to +85 ºC
1 inch minimum
10,000 megohms (min)
2.5% Max
2.5 x rated(5 seconds Max)
Size (inches)
Size (Millimeters)
Size (inches)
Size (Millimeters)
Part
Number
Capacity
pF
Tol
Temp
Coef
D
T
S
d
D
T
S
d
Part
Number
Capacity
pF
Tol
Temp
Coef
D
T
S
d
D
T
S
d
2000 WVDC
3000 WVDC
HS102M 1,000
20% Y5U** .394 .236 .252 .032 10.0 6.0 6.4 0.8
HT391K
390
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HS152M 1,500
20% Y5U** .394 .236 .252 .032 10.0 6.0 6.4 0.8
HT471K
470
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HS222M 2,200
20% Y5U** .433 .236 .252 .032 11.0 6.0 6.4 0.8
HT561K
560
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HS332M 3,300
20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 0.8
HT681K
680
10% Y5P .433 .236 .374 .032 11.0 6.0 9.5 0.8
HS472M 4,700
20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 0.8
HT821K
820
10% Y5P .433 .236 .374 .032 11.0 6.0 9.5 0.8
HS682M 6,800
20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 0.8
HT102K 1,000
10% Y5P .590 .236 .374 .032 15.0 6.0 9.5 0.8
HS103M 10,000 20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 0.8
HT102M 1,000
20% Y5U** .394 .236 .374 .032 10.0 6.0 9.5 0.8
3000 WVDC
HT122K 1,200
10% Y5P .590 .236 .374 .032 15.0 6.0 9.5 0.8
HT101K
100
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT152K 1,500
10% Y5P .590 .236 .374 .032 11.0 6.0 9.5 0.8
HT121K
120
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT152M 1,500
20% Y5U** .433 .236 .374 .032 11.0 6.0 9.5 0.8
HT151K
150
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT182K 1,800
10% Y5P .590 .236 .374 .032 15.0 6.0 9.5 0.8
HT181K
180
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT182M 1,800
20% Y5U** .433 .236 .374 .032 11.0 6.0 9.5 0.8
HT221K
220
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT222K 2,200
10% Y5P .787 .236 .374 .032 20.0 6.0 9.5 0.8
HT271K
270
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT222M 2,200
20% Y5U** .590 .236 .374 .032 15.0 6.0 9.5 0.8
HT331K
330
10% Y5P .394 .236 .374 .032 10.0 6.0 9.5 0.8
HT272K 2,700
10% Y5P .787 .236 .374 .032 20.0 6.0 9.5 0.8
HT332K 3,300
10% Y5P .787 .236 .374 .032 20.0 6.0 9.5 0.8
HT472M 4,700
20% Y5U** .787 .236 .374 .032 20.0 6.0 9.5 0.8
HT682M 6,800
20% Y5U** 0.787 .236 .374 .032 20.0 6.0 9.5 0.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com