Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSIL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT87C5103-ICSIL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSIL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT87C5103-ICSIL Datasheet HTML 45Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 46Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 47Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 48Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 49Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 50Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 51Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 52Page - ATMEL Corporation AT87C5103-ICSIL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
49
4134B–8051–06/03
Table 32. IE1 Register
IE1 (S:B1h)
Interrupt Enable Register
Reset Value = XXXX X0XXb
No Bit addressable
7654
3210
-----
ESPI
--
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2ESPI
SPI Interrupt Enable bit
Clear to disable the SPI interrupt.
Set to enable the SPI interrupt.
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com