Electronic Components Datasheet Search
  English  ▼

X  

AT87C5103-ICSAL Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 52Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 53Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 54Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 55Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 56Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 57Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 58Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 59Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
56
4134B–8051–06/03
DC Parameters
T
A = -40°C to +125°C; VSS = 0V; VCC = 2.7 to 5.5V; F = 0 to 16 MHz
Table 38. DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except XTAL1,
RST
0.7 V
CC
V
CC + 0.5
V
V
IH1
Input High Voltage, XTAL1,
RST
Vhy
Input hysteresis Voltage
0.5
1.1
V
V
CC = 3.6V
0.8
1.8
V
V
CC = 5.5V
V
OL
Output Low Voltage, ports 1and 4
(6)
0.3
0.45
1.0
V
V
V
V
CC = 4.5V to 5.5V
I
OL = 100 µA
(4)
I
OL = 1.6 mA
(4)
I
OL = 3.5 mA
(4)
0.3
1.0
V
V
V
CC = 2.7V to 5.5V
I
OL = 100 µA
(4)
I
OL = 1.6 mA
(4)
V
OH
Output High Voltage, ports 1 and 4.
(6)
Pseudo Bi-directional Mode
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
V
CC = 4.5V to 5.5V
I
OH = -10 µA
I
OH = -30 µA
I
OH = -60 µA
V
CC - 0.3
V
V
CC = 2.7V to 5.5V
I
OH = -10 µA
V
OH
Output High Voltage, ports 1 and 4.
(6)
Push-pull Mode
V
CC - 1
V
CC - 0.5
V
I
OH = -1 mA
I
OH = -100 µA
Tr
Ouput Rise time (Push-pull mode)
8
1000
ns
Cload = 10 pF
Tf
Ouput Fall time (Push-pull mode)
6
500
ns
Cload = 10 pF
I
LI
Input Leakage Current
±10
µA
0.45V < Vin < V
CC
R
RST
RST Pulldown Resistor
30
60
(5)
150
k
Ω
AT83C5103
(ROM version)
50
90
(5)
200
AT87C5103
(OTP version)
CIO
Capacitance of I/O Buffer
15
pF
Fc = 1 MHz
TA = 25
°C
I
PD
Power Down Current
10 (3)
100
µAV
CC = 5.5 V
10 (3)
50
µAV
CC = 3.6V
I
CC
operating
Power Supply Current Maximum values, X1 mode: (1)
0.8xF+0.8
1.2xF+1.5
mA
mA
V
CC < 4.5V
V
CC > 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com