Electronic Components Datasheet Search
  English  ▼

X  

STD2NC70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2NC70Z
Description  N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH™ III MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NC70Z Datasheet(HTML) 1 Page - STMicroelectronics

  STD2NC70Z Datasheet HTML 1Page - STMicroelectronics STD2NC70Z Datasheet HTML 2Page - STMicroelectronics STD2NC70Z Datasheet HTML 3Page - STMicroelectronics STD2NC70Z Datasheet HTML 4Page - STMicroelectronics STD2NC70Z Datasheet HTML 5Page - STMicroelectronics STD2NC70Z Datasheet HTML 6Page - STMicroelectronics STD2NC70Z Datasheet HTML 7Page - STMicroelectronics STD2NC70Z Datasheet HTML 8Page - STMicroelectronics STD2NC70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2001
STD2NC70Z
STD2NC70Z-1
N-CHANNEL 700V - 4.1
Ω - 2.3A DPAK/IPAK
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 4.1Ω
s
EXTREMELY HIGH dv/dt AND CAPABILITY
GATE TO - SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW GATE INPUT RESISTANCE
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrat-
ing back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capa-
bility with higher ruggedness performance as re-
quested
by a
large
variety
of single-switch
applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD2NC70Z
STD2NC70Z-1
700V
700V
< 4.7
Ω
< 4.7
Ω
2.3 A
2.3 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
700
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
700
V
VGS
Gate- source Voltage
± 25
V
ID
Drain Current (continuos) at TC = 25°C
2.3
A
ID
Drain Current (continuos) at TC = 100°C
1.45
A
IDM (q)
Drain Current (pulsed)
9.2
A
PTOT
Total Dissipation at TC = 25°C
55
W
Derating Factor
0.44
W/°C
IGS
Gate-source Current (DC)
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
1.5
KV
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤2.3A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
DPAK
3
2
1
1
3
IPAK
(Add Suffix “T4” for Tape & Reel)


Similar Part No. - STD2NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
Jun-2003
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 15P
N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
12-Jul-2006
More results

Similar Description - STD2NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
Jun-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH™ II MOSFET
Feb-2002
STP3NC70Z STMICROELECTRONICS-STP3NC70Z Datasheet
324Kb / 10P
N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH™ II MOSFET
Jun-2001
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
17-Jan-2005
STD2NK70Z STMICROELECTRONICS-STD2NK70Z_06 Datasheet
457Kb / 16P
N-channel 700V - 6Ω - 1.6 A - DPAK/IPAK Zener protected SuperMESH??Power MOSFET
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com